Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924UTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6924UTR
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924UTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6924UTR Datasheet HTML 19Page - STMicroelectronics L6924UTR Datasheet HTML 20Page - STMicroelectronics L6924UTR Datasheet HTML 21Page - STMicroelectronics L6924UTR Datasheet HTML 22Page - STMicroelectronics L6924UTR Datasheet HTML 23Page - STMicroelectronics L6924UTR Datasheet HTML 24Page - STMicroelectronics L6924UTR Datasheet HTML 25Page - STMicroelectronics L6924UTR Datasheet HTML 26Page - STMicroelectronics L6924UTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
L6924U
Application information: monitoring and protection
Doc ID 14716 Rev 2
23/37
8
Application information: monitoring and protection
The L6924U uses a VFQFPN (3 x 3 mm) 16-pin package with an exposed pad that allows
the user to have a compact application and good thermal behavior at the same time. The
L6924U has a low thermal resistance because of the exposed pad (approximately
75 °C/W, depending on the board characteristics). Moreover, a built-in thermal protection
feature prevents the L6924U from having thermal issues typically present in a linear charger.
Thermal control is implemented with a thermal loop that reduces the charge current
automatically when the junction temperature reaches approximately 120 °C. This avoids
further temperature rise and keeps the junction temperature constant. This simplifies the
thermal design of the application as well as protects the device against over-temperature
damage.
Figure 16
shows how the thermal loop acts (dotted lines), when the junction temperature
reaches 120 °C.
8.1
NTC thermistor
The device allows designers to monitor the battery temperature by measuring the voltage
across an NTC or PTC resistor. Li-Ion batteries have a narrow range of operating
temperature, usually from 0 °C to 50 °C. This window is programmable by an external
divider which is comprised of an NTC thermistor connected to GND and a resistor
connected to VREF. When the voltage on the TH pin exceeds the minimum or maximum
voltage threshold (internal window comparator), the device stops the charge process, and
indicates a fault condition through the status pin.
Figure 16.
Power dissipation in both linear and quasi pulse modes with thermal loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com