Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924UTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6924UTR
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924UTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6924UTR Datasheet HTML 21Page - STMicroelectronics L6924UTR Datasheet HTML 22Page - STMicroelectronics L6924UTR Datasheet HTML 23Page - STMicroelectronics L6924UTR Datasheet HTML 24Page - STMicroelectronics L6924UTR Datasheet HTML 25Page - STMicroelectronics L6924UTR Datasheet HTML 26Page - STMicroelectronics L6924UTR Datasheet HTML 27Page - STMicroelectronics L6924UTR Datasheet HTML 28Page - STMicroelectronics L6924UTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
L6924U
Application information: monitoring and protection
Doc ID 14716 Rev 2
25/37
charge the battery, only when the voltage at the TH pin goes under VMINTH_HYS = 780 mV
(typ).
For what concerns the high temperature limit, when the TH pin voltage falls under the
VMAXTH = 12.5 % of VREF (225 mV Typ.), the L6924U stops the charge until the TH pin
voltage reaches the VMAXTH_HYS = 248 mV (typ.).
When the battery is at the low temperature limit, the TH pin voltage is 900 mV. The correct
resistance ratio to set the low temperature limit at 0 °C can be found with the following
equation:
Equation 12
Where RUP is the pull-up resistor, VREF is equal to 1.8 V, and RNTC0°C is the value of the
NTC at 0 °C. Since at the low temperature limit VMINTH = 900 mV:
Equation 13
It follows that:
Equation 14
Similarly, when the battery is at the high temperature limit, the TH pin voltage is 225 mV. The
correct resistance ratio to set the high temperature limit at 50 °C can be found with the
following equation:
Equation 15
Where RNTC50°C is the value of the NTC at 50 °C. Considering VMAXTH = 225 mV it follows
that:
Equation 16
Consequently:
Equation 17
C
NTC
UP
C
NTC
REF
MINTH
R
R
R
V
V
°
°
+
×
=
0
0
C
NTC
UP
C
NTC
R
R
R
°
°
+
×
=
0
0
8
.
1
9
.
0
UP
C
NTC
R
R
=
°
0
C
NTC
UP
C
NTC
REF
MAXTH
R
R
R
V
V
°
°
+
×
=
50
50
C
NTC
UP
C
NTC
R
R
R
°
°
+
×
=
50
50
8
.
1
225
.
0
7
50
UP
C
NTC
R
R
=
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com