Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924UTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6924UTR
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924UTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6924UTR Datasheet HTML 20Page - STMicroelectronics L6924UTR Datasheet HTML 21Page - STMicroelectronics L6924UTR Datasheet HTML 22Page - STMicroelectronics L6924UTR Datasheet HTML 23Page - STMicroelectronics L6924UTR Datasheet HTML 24Page - STMicroelectronics L6924UTR Datasheet HTML 25Page - STMicroelectronics L6924UTR Datasheet HTML 26Page - STMicroelectronics L6924UTR Datasheet HTML 27Page - STMicroelectronics L6924UTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Application information: monitoring and protection
L6924U
24/37
Doc ID 14716 Rev 2
When the voltage (and thus, the temperature), returns to the window range, the device re-
starts the charging process. Moreover, there is a hysteresis for both the upper and lower
thresholds, as shown in Figure 18.
Note:
TBAT = OK when the battery temperature is between 0 °C and 50 °C
When the TH pin voltage rises and exceeds the VMINTH = 50 % of VREF (900 mV typ), the
L6924U stops the charge, and indicates a fault by the status pins. The device re-starts to
Figure 17.
Battery temperature control flow chart
Figure 18.
Voltage window with hysteresis on TH
Figure 19.
Pin connection
VMINTH
VMAXTH
VMINTH_HYS
VMAXTH_HYS
900mV
780mV
225mV
248mV
Voltage
VariationonTHpin
Charge disable
Charge enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com