Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924U Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6924U
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6924U Datasheet HTML 15Page - STMicroelectronics L6924U Datasheet HTML 16Page - STMicroelectronics L6924U Datasheet HTML 17Page - STMicroelectronics L6924U Datasheet HTML 18Page - STMicroelectronics L6924U Datasheet HTML 19Page - STMicroelectronics L6924U Datasheet HTML 20Page - STMicroelectronics L6924U Datasheet HTML 21Page - STMicroelectronics L6924U Datasheet HTML 22Page - STMicroelectronics L6924U Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
L6924U
Applications information: charging process
Doc ID 14716 Rev 2
19/37
Equation 6
Where VBG is the internal reference equal to 1.23 V, whereas KPRG is a constant equal to
9500.
Figure 11.
IAC pin connection
In USB mode (MODE pin high), the RUSB resistor can be selected as:
Equation 7
Where VBG and KPRG have the same meaning and value above mentioned.
The charge current in USB mode depends on RUSB as well as the state of the ISEL pin.
When this pin is high, the “high-power” USB mode is selected and the charge current is
determined by the equation 7.
The charge current in USB mode should be set in accordance with the typical USB current
capability (up to 500 mA). If ISEL is low, the “low-power” USB mode is selected and the
charge current is a fifth of the high-power USB mode charge current (up to 100 mA)
During low power USB mode operation, since the charge current is reduced by one fifth, the
maximum charging time is proportionally increased (Section 7.7: Maximum charging time).
Figure 12.
IUSB pin connection
Regardless of the operation mode (AC adapter or USB), during the fast-charge phase the
battery voltage increases until it reaches the programmed output voltage (4.2 V). A safety
timer is also present. If the Fast-charge phase does not finish within the programmed time
(see Chapter 7.7: Maximum charging time on page 21), a fault is given.
PRG
AC
BG
AC
K
I
V
R
⋅
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
PRG
USB
BG
USB
K
I
V
R
⋅
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com