Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924U Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6924U
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U Datasheet(HTML) 5 Page - STMicroelectronics

  L6924U Datasheet HTML 1Page - STMicroelectronics L6924U Datasheet HTML 2Page - STMicroelectronics L6924U Datasheet HTML 3Page - STMicroelectronics L6924U Datasheet HTML 4Page - STMicroelectronics L6924U Datasheet HTML 5Page - STMicroelectronics L6924U Datasheet HTML 6Page - STMicroelectronics L6924U Datasheet HTML 7Page - STMicroelectronics L6924U Datasheet HTML 8Page - STMicroelectronics L6924U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
L6924U
Pin description
Doc ID 14716 Rev 2
5/37
2
Pin description
Figure 3.
Pin connection (top view)
2.1
Pin description
Table 2.
Pin functions
Pin
I/O
Name
Pin description
1I
VIN
Input pin of the power stage.
2I
VINSNS
Supply voltage pin of the signal circuitry.
The operating input voltage ranges from 2.5 V to 12 V, and the
start-up threshold is 4 V.
3 - 4
O
ST2-ST1 Open-collector status pins.
5I
TPRG
Maximum charging time program pin.
It must be connected with a capacitor to GND to fix the maximum
charging time, see Chapter 7.7: Maximum charging time on
page 21.
6
-
GND
Ground pin.
7I
SD
Shutdown pin.
When connected to GND enables the device; when floating
disables the device.
8I
TH
Temperature monitor pin.
It must be connected to a resistor divider including an NTC or PTC
resistor. The charge process is disabled if the battery temperature
(sensed through the NTC or PTC) is out of the programmable
temperature window see Chapter 8.1: NTC thermistor on page 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com