Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924U Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6924U
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6924U Datasheet HTML 28Page - STMicroelectronics L6924U Datasheet HTML 29Page - STMicroelectronics L6924U Datasheet HTML 30Page - STMicroelectronics L6924U Datasheet HTML 31Page - STMicroelectronics L6924U Datasheet HTML 32Page - STMicroelectronics L6924U Datasheet HTML 33Page - STMicroelectronics L6924U Datasheet HTML 34Page - STMicroelectronics L6924U Datasheet HTML 35Page - STMicroelectronics L6924U Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Application idea: dual input management with AC priority
L6924U
32/37
Doc ID 14716 Rev 2
10
Application idea: dual input management with AC
priority
In some applications both AC adapter and USB power source may be available.
Figure 26
shows a possible schematic which provides the possibility to manage two power
sources (AC/USB) and gives the priority to AC adapter in case both sources are available at
the same time.
For simplicity, only the relevant pins of the L6924U for this application have been indicated.
If only the AC adapter is available, since the gates of Q1 and Q2 are connected to AC, both
MOSFETs are off. The AC adapter voltage is provided to the VIN pin through the diode D1.
The voltage at the VIN pin is:
A correct choice of this diode is important to limit Vdiode and keeping VIN as close as
possible to AC.
In this condition the MODE pin is low. This sets the L6924U in AC mode and the battery is
charged with the current programmed by RAC.
When only the USB power source is available, both Q1 and Q2 switch on and the pin VIN is
connected to USB.
The MODE pin is connected to the drains of Q1 and Q2 and is high. Therefore the USB
mode for the L6924U is selected and the battery is charged with a current in accordance
with the resistor connected to the pin IUSB (RUSB).
The voltage of the VIN pin is given by:
The voltage drop across the MOSFETs must be kept as low as possible to avoid reducing
too much the voltage of the VIN pin.
When both sources are present, this circuit gives the priority to the AC adapter. In fact, for
VAC ≥ 5 V, surely both Q1 and Q2 are off and VIN is connected to the AC adapter through
D1. The MODE pin is kept low and L6924U is set to AC mode.
The use of two P-channel MOSFETs connected as shown in Figure 26 is particularly useful
in this case because they remove any path between the two power sources.
diode
AC
IN
V
V
V
−
=
(
)
USB
2
Q
_
DSon
1
Q
_
DSon
USB
IN
I
R
R
V
V
⋅
+
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com