Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924U Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6924U
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6924U Datasheet HTML 23Page - STMicroelectronics L6924U Datasheet HTML 24Page - STMicroelectronics L6924U Datasheet HTML 25Page - STMicroelectronics L6924U Datasheet HTML 26Page - STMicroelectronics L6924U Datasheet HTML 27Page - STMicroelectronics L6924U Datasheet HTML 28Page - STMicroelectronics L6924U Datasheet HTML 29Page - STMicroelectronics L6924U Datasheet HTML 30Page - STMicroelectronics L6924U Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
L6924U
Application information: monitoring and protection
Doc ID 14716 Rev 2
27/37
8.2
Battery absence detection
This feature provides a battery absent detection scheme to detect the removal or the
insertion of the battery. If the battery is removed, the charge current falls below the IENDTH.
At the end of the de-glitch time, a detection current IDETECT, equal to 1 mA, is sunk from the
output for a time of TDETECT. The device checks the voltage at the output. If it is below the
VPRETH, a current equal to IDETECT is injected in the output capacitor for a TDETECT, and it is
checked to see if the voltage on the output goes higher than VRCH (4.05 V). If the battery
voltage changes from VPRETH to VRCH and vice versa in a TDETECT time, it means that no
battery is connected to the charger. The TDETECT is expressed by:
Equation 24
8.3
Status pins
To indicate various charger status conditions, there are two open-collector output pins, ST1
and ST2. These status pins can be used either to drive status LEDs, connected with an
external power source, by a resistor, or to communicate to a host processor.
Figure 20.
Battery absence detection flow chart
3
10
54
×
= MAXCH
DETECT
T
T
BATTERY
ABSENT
Detect Low Absent
VBAT
>
VPRETH
FAST CHARGE
Detect High Absent
VBAT
>
VRCH
PRE CHARGE
NO
YES
YES
NO
DETECT LOW ABSENT = a ISINK is sunk for a TDET from the battery
DETECT HIGH ABSENT = a IINJ is injected for a TDET in the battery
TDET = 100ms (Typ.)
ISINK = IINJ = 1mA (Typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com