Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95160-DF Datasheet(PDF) 1 Page - STMicroelectronics

Part # M95160-DF
Description  16-Kbit serial SPI bus EEPROM with high-speed clock
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95160-DF Datasheet(HTML) 1 Page - STMicroelectronics

  M95160-DF Datasheet HTML 1Page - STMicroelectronics M95160-DF Datasheet HTML 2Page - STMicroelectronics M95160-DF Datasheet HTML 3Page - STMicroelectronics M95160-DF Datasheet HTML 4Page - STMicroelectronics M95160-DF Datasheet HTML 5Page - STMicroelectronics M95160-DF Datasheet HTML 6Page - STMicroelectronics M95160-DF Datasheet HTML 7Page - STMicroelectronics M95160-DF Datasheet HTML 8Page - STMicroelectronics M95160-DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
This is information on a product in full production.
March 2014
DocID022580 Rev 5
1/47
M95160 M95160-W
M95160-R M95160-DF
16-Kbit serial SPI bus EEPROM
with high-speed clock
Datasheet
- production data
Features
• Compatible with the Serial Peripheral Interface
(SPI) bus
• Memory array
– 16 Kb (2 Kbytes) of EEPROM
– Page size: 32 bytes
– Additional Write lockable Page
(Identification page)
• Write
– Byte Write within 5 ms
– Page Write within 5 ms
• Write Protect: quarter, half or whole memory
array
• High-speed clock: 20 MHz
• Single supply voltage:
– 2.5 V to 5.5 V for M95160-W
– 1.8 V to 5.5 V for M95160-R
– 1.7 V to 5.5 V for M95160-DF
• Operating temperature range: from -40°C up to
+85°C
• Enhanced ESD protection
• More than 4 million Write cycles
• More than 200-year data retention
• Packages
– RoHS compliant and halogen-free
(ECOPACK®)
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
WLCSP (CS)
UFDFPN8 (MC)
2 x 3 mm
www.st.com


Similar Part No. - M95160-DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95160-DF STMICROELECTRONICS-M95160-DF Datasheet
827Kb / 47P
16-Kbit serial SPI bus EEPROM with high-speed clock
16-Sep-2013
More results

Similar Description - M95160-DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95160 STMICROELECTRONICS-M95160 Datasheet
405Kb / 45P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
24-May-2007
M95128 STMICROELECTRONICS-M95128_07 Datasheet
392Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
04-Oct-2007
M95160 STMICROELECTRONICS-M95160_08 Datasheet
394Kb / 45P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
06-Mar-2008
M95160-X STMICROELECTRONICS-M95160-X Datasheet
436Kb / 50P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
09-Oct-2009
M95256-DR STMICROELECTRONICS-M95256-DR Datasheet
504Kb / 48P
256 Kbit serial SPI bus EEPROM with high-speed clock
07-Sep-2010
M95160 STMICROELECTRONICS-M95160_12 Datasheet
381Kb / 45P
16-Kbit serial SPI bus EEPROM with high-speed clock
22-Mar-2012
M95320-W STMICROELECTRONICS-M95320-W Datasheet
412Kb / 48P
32-Kbit serial SPI bus EEPROM with high-speed clock
29-May-2012
M95160 STMICROELECTRONICS-M95160_13 Datasheet
633Kb / 46P
16-Kbit serial SPI bus EEPROM with high-speed clock
08-Jan-2013
M95160-WMN6TP STMICROELECTRONICS-M95160-WMN6TP Datasheet
827Kb / 47P
16-Kbit serial SPI bus EEPROM with high-speed clock
16-Sep-2013
M95128-W STMICROELECTRONICS-M95128-W Datasheet
609Kb / 48P
128-Kbit serial SPI bus EEPROM with high-speed clock
02-Mar-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com