Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95160-DF Datasheet(PDF) 38 Page - STMicroelectronics

Part # M95160-DF
Description  16-Kbit serial SPI bus EEPROM with high-speed clock
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95160-DF Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M95160-DF Datasheet HTML 34Page - STMicroelectronics M95160-DF Datasheet HTML 35Page - STMicroelectronics M95160-DF Datasheet HTML 36Page - STMicroelectronics M95160-DF Datasheet HTML 37Page - STMicroelectronics M95160-DF Datasheet HTML 38Page - STMicroelectronics M95160-DF Datasheet HTML 39Page - STMicroelectronics M95160-DF Datasheet HTML 40Page - STMicroelectronics M95160-DF Datasheet HTML 41Page - STMicroelectronics M95160-DF Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
DC and AC parameters
M95160 M95160-W M95160-R M95160-DF
38/47
DocID022580 Rev 5
Table 19. AC characteristics (M95160-F(1), device grade 6)
1.
Not recommended for new designs, please refer to Table 18: AC characteristics (M95160-R or M95160-
DF, device grade 6).
Test conditions specified in Table 10 and Table 11
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCK Clock frequency
D.C.
3.5
MHz
tSLCH
tCSS1 S active setup time
85
-
ns
tSHCH
tCSS2 S not active setup time
85
-
ns
tSHSL
tCS
S deselect time
120
-
ns
tCHSH
tCSH S active hold time
85
-
ns
tCHSL
S not active hold time
85
-
ns
tCH
(2)
2.
tCH + tCL must never be lower than the shortest possible clock period, 1/fC(max).
tCLH Clock high time
110
-
ns
tCL
(2)
tCLL Clock low time
110
-
ns
tCLCH
(3)
3.
Characterized only, not tested in production.
tRC Clock rise time
-
2
µs
tCHCL
(3)
tFC
Clock fall time
-
2
µs
tDVCH
tDSU Data in setup time
30
-
ns
tCHDX
tDH Data in hold time
30
-
ns
tHHCH
Clock low hold time after HOLD not active
85
-
ns
tHLCH
Clock low hold time after HOLD active
85
-
ns
tCLHL
Clock low set-up time before HOLD active
0
-
0
tCLHH
Clock low set-up time before HOLD not active
0
-
0
tSHQZ
(3)
tDIS Output disable time
-
120
ns
tCLQV
tV
Clock low to output valid
-
120
ns
tCLQX
tHO Output hold time
0
-
ns
tQLQH
(3)
tRO Output rise time
-
100
ns
tQHQL
(3)
tFO
Output fall time
-
100
ns
tHHQV
tLZ
HOLD high to output valid
-
110
ns
tHLQZ
(3)
tHZ
HOLD low to output high-Z
-
110
ns
tW
tWC Write time
-
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com