Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95160-DF Datasheet(PDF) 33 Page - STMicroelectronics

Part # M95160-DF
Description  16-Kbit serial SPI bus EEPROM with high-speed clock
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95160-DF Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M95160-DF Datasheet HTML 29Page - STMicroelectronics M95160-DF Datasheet HTML 30Page - STMicroelectronics M95160-DF Datasheet HTML 31Page - STMicroelectronics M95160-DF Datasheet HTML 32Page - STMicroelectronics M95160-DF Datasheet HTML 33Page - STMicroelectronics M95160-DF Datasheet HTML 34Page - STMicroelectronics M95160-DF Datasheet HTML 35Page - STMicroelectronics M95160-DF Datasheet HTML 36Page - STMicroelectronics M95160-DF Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
DocID022580 Rev 5
33/47
M95160 M95160-W M95160-R M95160-DF
DC and AC parameters
46
Figure 19. AC measurement I/O waveform
Table 11. AC measurement conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load capacitance
30
pF
Input rise and fall times
-
50
ns
Input pulse voltages
0.2 VCC to 0.8 VCC
V
Input and output timing reference voltages
0.3 VCC to 0.7 VCC
V
Table 12. Cycling performance
Symbol
Parameter(1)
1.
Cycling performance for products identified by process letter K.
Test conditions
Min.
Max.
Unit
Ncycle
Write cycle endurance
TA
≤ 25 °C,
VCC(min) < VCC < VCC(max)
-
4,000,000
Write cycle
TA = 85 °C,
VCC(min) < VCC < VCC(max)
-
1,200,000
Table 13. Memory cell data retention
Parameter
Test conditions
Min.
Unit
Data retention(1)
1.
For products identified by process letter K. The data retention behavior is checked in production, while the
200-year limit is defined from characterization and qualification results.
TA = 55 °C
200
Year
Table 14. Capacitance
Symbol
Parameter
Test conditions(1)
1.
Sampled only, not 100% tested, at TA = 25 °C and a frequency of 5 MHz.
Min.
Max.
Unit
COUT
Output capacitance (Q)
VOUT = 0 V
-
8
pF
CIN
Input capacitance (D)
VIN = 0 V
-
8
pF
Input capacitance (other pins)
VIN = 0 V
-
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com