Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95160-DF Datasheet(PDF) 15 Page - STMicroelectronics

Part # M95160-DF
Description  16-Kbit serial SPI bus EEPROM with high-speed clock
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95160-DF Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M95160-DF Datasheet HTML 11Page - STMicroelectronics M95160-DF Datasheet HTML 12Page - STMicroelectronics M95160-DF Datasheet HTML 13Page - STMicroelectronics M95160-DF Datasheet HTML 14Page - STMicroelectronics M95160-DF Datasheet HTML 15Page - STMicroelectronics M95160-DF Datasheet HTML 16Page - STMicroelectronics M95160-DF Datasheet HTML 17Page - STMicroelectronics M95160-DF Datasheet HTML 18Page - STMicroelectronics M95160-DF Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
DocID022580 Rev 5
15/47
M95160 M95160-W M95160-R M95160-DF
Operating features
46
The Hold condition starts when the Hold (HOLD) signal is driven low when Serial Clock (C)
is already low (as shown in Figure 7).
Figure 7 also shows what happens if the rising and falling edges are not timed to coincide
with Serial Clock (C) being low.
5.4
Status Register
The Status Register contains a number of status and control bits that can be read or set (as
appropriate) by specific instructions. See Section 6.3: Read Status Register (RDSR) for a
detailed description of the Status Register bits.
5.5
Data protection and protocol control
The device features the following data protection mechanisms:
•
Before accepting the execution of the Write and Write Status Register instructions, the
device checks whether the number of clock pulses comprised in the instructions is a
multiple of eight.
•
All instructions that modify data must be preceded by a Write Enable (WREN)
instruction to set the Write Enable Latch (WEL) bit.
•
The Block Protect (BP1, BP0) bits in the Status Register are used to configure part of
the memory as read-only.
•
The Write Protect (W) signal is used to protect the Block Protect (BP1, BP0) bits in the
Status Register.
For any instruction to be accepted, and executed, Chip Select (S) must be driven high after
the rising edge of Serial Clock (C) for the last bit of the instruction, and before the next rising
edge of Serial Clock (C).
Two points should be noted in the previous sentence:
•
The “last bit of the instruction” can be the eighth bit of the instruction code, or the eighth
bit of a data byte, depending on the instruction (except for Read Status Register
(RDSR) and Read (READ) instructions).
•
The “next rising edge of Serial Clock (C)” might (or might not) be the next bus
transaction for some other device on the SPI bus.
Table 2. Write-protected block size
Status Register bits
Protected block
Protected array addresses
BP1
BP0
0
0
none
none
0
1
Upper quarter
0600h - 07FFh
1
0
Upper half
0400h - 07FFh
1
1
Whole memory
0000h - 07FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com