Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8324 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM8324
Description  Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8324 Datasheet(HTML) 1 Page - Analog Devices

  ADM8324 Datasheet HTML 1Page - Analog Devices ADM8324 Datasheet HTML 2Page - Analog Devices ADM8324 Datasheet HTML 3Page - Analog Devices ADM8324 Datasheet HTML 4Page - Analog Devices ADM8324 Datasheet HTML 5Page - Analog Devices ADM8324 Datasheet HTML 6Page - Analog Devices ADM8324 Datasheet HTML 7Page - Analog Devices ADM8324 Datasheet HTML 8Page - Analog Devices ADM8324 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Supervisory Circuits with Windowed
Watchdog and Manual Reset in 5-Lead SOT-23
Data Sheet
ADM8323/ADM8324
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Windowed watchdog, 8 timeout options
26 reset threshold options
2.5 V to 5 V in 100 mV increments
4 reset timeout options
1 ms, 20 ms, 140 ms, and 1120 ms (minimum)
Manual reset input
Open-drain or push-pull RESET outputs
Low power consumption
Specified over wide temperature range (−40°C to +125°C)
Qualified for automotive applications
5-lead SOT-23 package
APPLICATIONS
Automotive
Microprocessor systems
Computers
Controllers
Intelligent instruments
Portable equipment
FUNCTIONAL BLOCK DIAGRAMS
Figure 1.
Figure 2.
GENERAL DESCRIPTION
The ADM8323/ADM8324 are supervisory circuits that monitor
power supply voltage levels and code execution integrity in
microprocessor-based systems. An on-chip watchdog timer
checks for activity within a preset timeout window. A reset
signal can also be asserted by an external push-button switch
through a manual reset input. The RESET output is either push-
pull (ADM8323) or open-drain (ADM8324).
A watchdog failure results in a low output on the RESET pin.
A failure can be triggered either by a fast watchdog error
(watchdog pulses too close together) or by a slow watchdog
error (no watchdog pulse within the timeout period). This
effectively gives a window in which to observe the watchdog
pulse. The watchdog timeout is measured from the last falling
edge of the watchdog input (WDI). There are eight different
watchdog windows available, as shown in Table 5.
Each device is available in a choice of 26 reset threshold options
from 2.5 V to 5 V in 100 mV increments. There are also four
reset timeout options of 1 ms, 20 ms, 140 ms, and 1120 ms
(minimum).
The ADM8323/ADM8324 are available in a 5-lead SOT-23
package and typically consume only 10 μA, making them
suitable for use in low power portable applications.
ADM8323
VCC
VCC
MR
GND
WDI
RESET
RESET
GENERATOR
WINDOWED
WATCHDOG
DETECTOR
DEBOUNCE
VREF
ADM8324
VCC
MR
GND
WDI
RESET
RESET
GENERATOR
WINDOWED
WATCHDOG
DETECTOR
VREF
DEBOUNCE


Similar Part No. - ADM8324

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8324 AD-ADM8324 Datasheet
261Kb / 15P
Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
Rev. B
ADM8324WAH29ARJZR7 AD-ADM8324WAH29ARJZR7 Datasheet
261Kb / 15P
Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
Rev. B
ADM8324WCA29ARJZR7 AD-ADM8324WCA29ARJZR7 Datasheet
261Kb / 15P
Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
Rev. B
ADM8324WCA46ARJZR7 AD-ADM8324WCA46ARJZR7 Datasheet
261Kb / 15P
Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
Rev. B
More results

Similar Description - ADM8324

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CY29ARJZ-R7 AD-ADM6320CY29ARJZ-R7 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6316 AD-ADM6316_15 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317_15 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM8323 AD-ADM8323 Datasheet
261Kb / 15P
Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com