Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8324 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM8324
Description  Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8324 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM8324 Datasheet HTML 7Page - Analog Devices ADM8324 Datasheet HTML 8Page - Analog Devices ADM8324 Datasheet HTML 9Page - Analog Devices ADM8324 Datasheet HTML 10Page - Analog Devices ADM8324 Datasheet HTML 11Page - Analog Devices ADM8324 Datasheet HTML 12Page - Analog Devices ADM8324 Datasheet HTML 13Page - Analog Devices ADM8324 Datasheet HTML 14Page - Analog Devices ADM8324 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADM8323/ADM8324
Rev. 0 | Page 11 of 16
APPLICATIONS INFORMATION
WATCHDOG INPUT CURRENT
There is no way to disable the windowed watchdog functional-
ity. Do not leave the WDI pin floating because this is not a valid
mode of operation. If the WDI pin is not in a defined state at
startup, this can lead to high supply current until the microproces-
sor is enabled and takes control of the WDI pin. A solution to
this is to add a 100 kΩ pull-up or pull-down resistor on the
WDI pin to hold it in a defined state until the microprocessor is
enabled.
NEGATIVE GOING VCC TRANSIENTS
To avoid unnecessary resets caused by fast power supply transients,
the ADM8323/ADM8324 are equipped with glitch rejection
circuitry. The typical performance characteristic in Figure 14
plots VCC transient duration vs. reset threshold overdrive. The
curves show combinations of reset threshold overdrive and
duration for which a reset is not generated for 5 V, 4.63 V, and
2.93 V reset threshold devices. For example, with the 2.93 V
threshold, a transient that goes 100 mV below the threshold and
lasts 80 µs typically does not cause a reset, but if the transient is
any larger in reset threshold overdrive or duration, a reset
generates. An optional 0.1 µF bypass capacitor mounted near
VCC provides additional glitch rejection.
ENSURING RESET VALID TO VCC = 0 V
The reset output is guaranteed valid for VCC as low as 0.9 V.
However, by using an external resistor with the push-pull
configured reset output on the ADM8323, a valid output for VCC
as low as 0 V is possible. For this active low reset output, a resistor
connected between RESET and ground pulls the output low
when it is unable to sink current. Use a large resistance, such as
100 kΩ, so that it does not overload the reset output when VCC
is above 0.9 V.
Figure 24. Ensuring RESET Valid to VCC = 0 V
Figure 25. ADM8323 Typical Application Circuit
ADM8323
VCC
RESET
100k
Ω
RESET
RESET
WDI
I/O
MR
VCC
MICROPROCESSOR
ADM8323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com