Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8324 Datasheet(PDF) 12 Page - Analog Devices

Part # ADM8324
Description  Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8324 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM8324 Datasheet HTML 8Page - Analog Devices ADM8324 Datasheet HTML 9Page - Analog Devices ADM8324 Datasheet HTML 10Page - Analog Devices ADM8324 Datasheet HTML 11Page - Analog Devices ADM8324 Datasheet HTML 12Page - Analog Devices ADM8324 Datasheet HTML 13Page - Analog Devices ADM8324 Datasheet HTML 14Page - Analog Devices ADM8324 Datasheet HTML 15Page - Analog Devices ADM8324 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADM8323/ADM8324
Data Sheet
Rev. 0 | Page 12 of 16
OPTIONS
Table 4. Reset Timeout Options
Suffix
Minimum
Typical
Maximum
Unit
A
1
1.4
1.8
ms
B
20
28
36
ms
C
140
200
260
ms
D
1120
1600
2080
ms
Table 5. Watchdog Timeout Options
Suffix
Fast
Slow
Maximum
Unit
Minimum
Unit
A
1.5
ms
10
ms
B
15
ms
100
ms
C
15
ms
300
ms
D
15
ms
10
sec
E
15
ms
60
sec
F
24
ms
44
ms
G
41
ms
76
ms
H
768
ms
1.24
sec
Table 6. Reset Voltage Threshold Options
Reset Threshold Number
TA = 25°C
TA = −40°C to +125°C
Unit
Minimum
Typical
Maximum
Minimum
Maximum
50
4.950
5.000
5.050
4.925
5.075
V
49
4.851
4.900
4.949
4.826
4.974
V
48
4.752
4.800
4.848
4.728
4.872
V
47
4.653
4.700
4.747
4.629
4.771
V
46
4.584
4.630
4.676
4.560
4.700
V
45
4.455
4.500
4.545
4.432
4.568
V
44
4.346
4.390
4.434
4.324
4.456
V
43
4.257
4.300
4.343
4.235
4.365
V
42
4.158
4.200
4.242
4.137
4.263
V
41
4.059
4.100
4.141
4.038
4.162
V
40
3.960
4.00
4.040
3.940
4.060
V
39
3.861
3.900
3.939
3.841
3.959
V
38
3.762
3.800
3.838
3.743
3.857
V
37
3.663
3.700
3.737
3.644
3.756
V
36
3.564
3.600
3.636
3.546
3.654
V
35
3.465
3.500
3.535
3.447
3.553
V
34
3.366
3.400
3.434
3.349
3.451
V
33
3.267
3.300
3.333
3.250
3.350
V
32
3.168
3.200
3.232
3.152
3.248
V
31
3.049
3.080
3.111
3.033
3.127
V
30
2.970
3.000
3.030
2.955
3.045
V
29
2.901
2.930
2.959
2.886
2.974
V
28
2.772
2.800
2.828
2.758
2.842
V
27
2.673
2.700
2.727
2.659
2.741
V
26
2.604
2.630
2.656
2.590
2.670
V
25
2.475
2.500
2.525
2.462
2.538
V
Table 7. Standard Models
Model
Reset Threshold (V)
Maximum Fast Timeout (ms)
Minimum Slow Timeout (ms)
Minimum Reset Timeout (ms)
ADM8323WCC29ARJZR7
2.93
15
300
140
ADM8323WCC46ARJZR7
4.63
15
300
140
ADM8324WCA29ARJZR7
2.93
1.5
10
140
ADM8324WCA46ARJZR7
4.63
1.5
10
140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com