Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8324 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM8324
Description  Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8324 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM8324 Datasheet HTML 6Page - Analog Devices ADM8324 Datasheet HTML 7Page - Analog Devices ADM8324 Datasheet HTML 8Page - Analog Devices ADM8324 Datasheet HTML 9Page - Analog Devices ADM8324 Datasheet HTML 10Page - Analog Devices ADM8324 Datasheet HTML 11Page - Analog Devices ADM8324 Datasheet HTML 12Page - Analog Devices ADM8324 Datasheet HTML 13Page - Analog Devices ADM8324 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM8323/ADM8324
Data Sheet
Rev. 0 | Page 10 of 16
THEORY OF OPERATION
CIRCUIT DESCRIPTION
The ADM8323/ADM8324 provide microprocessor supply
voltage supervision by controlling the microprocessor reset input.
Code execution errors are avoided during power-up, power-
down, and brownout conditions by asserting a reset signal when
the supply voltage is below a preset threshold and by allowing
supply voltage stabilization with a fixed timeout reset pulse
after the supply voltage rises above the threshold. In addition,
problems with microprocessor code execution can be monitored
and corrected with a windowed watchdog timer. If the user
detects a problem with system operation, a manual reset input is
available to reset the microprocessor, for example, by means of
an external push-button switch.
PUSH-PULL RESET OUTPUT
The ADM8323 features an active low push-pull reset output.
The reset signal is guaranteed to be valid for VCC down to 0.9 V.
The reset output is asserted when VCC is below the reset thresh-
old (VTH), when MR is driven low, or when WDI is not serviced
within the watchdog timeout window. Reset remains asserted for
the duration of the reset active timeout period (tRP) after VCC
rises above the reset threshold, after MR transitions from low to
high, or after the watchdog timer fault occurs. Figure 20
illustrates the behavior of the reset output.
Figure 20. Reset Timing Diagram
OPEN-DRAIN RESET OUTPUT
The ADM8324 has an active low, open-drain reset output. This
output structure requires an external pull-up resistor to connect
the reset output to a voltage rail no higher than Vcc. Use a
resistor that complies with the logic low and logic high voltage
level requirements of the microprocessor while supplying input
current and leakage paths on the RESET line. A 10 kΩ resistor
is adequate in most situations.
MANUAL RESET INPUT
The ADM8323/ADM8324 feature a manual reset input (MR),
which when driven low, asserts the reset output. When MR
transitions from low to high, the reset output remains asserted
for the duration of the reset active timeout period before
deasserting. The MR input has a 75 kΩ, internal pull-up resistor
so that the input is always high when unconnected. An external
push-button switch can be connected between MR and ground
so that the user can generate a reset. Debounce circuitry for this
purpose is integrated on chip. Noise immunity is provided on
the MR input, and fast, negative going transients of up to 100 ns
(typical) are ignored. A 0.1 µF capacitor between MR and ground
provides additional noise immunity.
WINDOWED WATCHDOG INPUT
The ADM8323/ADM8324 feature a windowed watchdog timer
that monitors microprocessor activity. A timer circuit is cleared
with every high-to-low logic transition on the watchdog input pin
(WDI), which detects pulses as short as 200 ns. If this watchdog
pulse does not occur within the defined time window, a reset
asserts. Failure of the microprocessor to toggle WDI within the
watchdog window, therefore, indicates a code execution error,
and the reset pulse generated restarts the microprocessor in a
known state.
As well as logic transitions on WDI, the watchdog timer is also
cleared by a reset assertion due to an undervoltage condition on
VCC or due to MR being pulled low. When a reset is asserted, the
watchdog timer is cleared and does not begin counting again
until the reset deassserts. The windowed watchdog timer cannot
be disabled.
All WDI input pulses are ignored while a reset is asserted. After
the reset deasserts, the first WDI falling edge is ignored for the
fast fault condition.
Figure 21. Watchdog Fast Timeout Fault
Figure 22. Watchdog Slow Timeout Fault
Figure 23. Normal Watchdog Operation
VCC
1V
VCC
0V
VTH
VTH
0V
VCC
RESET
tRD
tRP
WDI
RESET
tRP
tWDI < tWD-FASTmin
WDI
RESET
tWDI > tWD-SLOWmax
tRP
WDI
RESET
tWD-FASTmax < tWDI< tWD-SLOWmin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com