Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3410 Datasheet(PDF) 17 Page - ams AG

Part # AS3410
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3410 Datasheet(HTML) 17 Page - ams AG

Back Button AS3410 Datasheet HTML 13Page - ams AG AS3410 Datasheet HTML 14Page - ams AG AS3410 Datasheet HTML 15Page - ams AG AS3410 Datasheet HTML 16Page - ams AG AS3410 Datasheet HTML 17Page - ams AG AS3410 Datasheet HTML 18Page - ams AG AS3410 Datasheet HTML 19Page - ams AG AS3410 Datasheet HTML 20Page - ams AG AS3410 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
17 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - D e t a i l e d D e s c r i p t i o n
8.3.4 Over-Current Protection
The over-current protection has a threshold of 150-200mA and a debouncing time of 8µs. The stage is forced to OFF mode in an over-current
situation. After this, the headphone stage tries to power up again every 8ms as long as the over-current situation still exists or the stage is turned
off manually.
8.3.5 Parameter
VBAT=1.5V, TA= 25ºC, unless otherwise specified.
8.4 Operational Amplifier
While AS3410 offers only one operational amplifier for feed-forward ANC, AS3400 and AS3430 feature an additional second operational
amplifier stage to perform feed-back ANC or any other additional needed filtering.
Both operational amplifiers stages can be activated and used individually. While OP1 stage is always configured as inverting amplifier, OP2
stage can be also switched to a non-inverting mode with an adjustable gain of 0...+10.5dB.
Figure 16. Operational Amplifiers
Table 6. Headphone Output Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
RL_HP
Load Impedance
Stereo mode
16
Ω
CL_HP
Load Capacitance
Stereo mode
100
pF
PHP
Nominal Output Power
RL=64
Ω
12
mW
RL=32
Ω
24
mW
RL=16
Ω
34
mW
PSRRHP
Power Supply Rejection Ratio
200Hz-20kHz, 720mVpp, RL=16Ω
90
dB
AGND
IOP1L
OP1
IOP1R
QOP1R
QOP1L
IOP2L
OP2 non-inverting mode
IOP2R
QOP2R
QOP2L
AGND
0..10.5dB
AGND
0..10.5dB
AGND
IOP2L
OP2 inverting mode
IOP2R
QOP2R
QOP2L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com