Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3410 Datasheet(PDF) 29 Page - ams AG

Part # AS3410
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3410 Datasheet(HTML) 29 Page - ams AG

Back Button AS3410 Datasheet HTML 25Page - ams AG AS3410 Datasheet HTML 26Page - ams AG AS3410 Datasheet HTML 27Page - ams AG AS3410 Datasheet HTML 28Page - ams AG AS3410 Datasheet HTML 29Page - ams AG AS3410 Datasheet HTML 30Page - ams AG AS3410 Datasheet HTML 31Page - ams AG AS3410 Datasheet HTML 32Page - ams AG AS3410 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
29 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - R e g i s t e r D e s c r i p t i o n
Table 15. MIC_L Register
Name
Base
Default
MIC_L
2-wire serial
00h
Offset: 08h
Left Microphone Input Register
Configures the gain for the left microphone input and defines the microphone operation mode. This
register is reset at POR.
Bit
Bit Name
Default
Access
Bit Description
7
MIC_MODE
0
R/W
Selects the microphone input mode
0: single ended stereo mode
1: mono differential mode
6:0
MICL_VOL<6:0>
000 0000
R/W
Volume settings for left microphone input, adjustable in 127 steps of
0.375dB
00 0000: MUTE
00 0001: -5.625dB gain
00 0010: -5.25 dB gain
..
11 1110: 41.250dB gain
11 1111: 41.625 dB gain
Table 16. MIC_R Register
Name
Base
Default
MIC_R
2-wire serial
00h
Offset: 09h
Right Microphone Input Register
Configures the gain for the right microphone input and enables register 08h & 09h. This register is reset at
POR.
Bit
Bit Name
Default
Access
Bit Description
7
MIC_REG_ON
0
R/W
Defines which registers are used for the microphone settings.
0: settings of register 30h and 31h are used
1: settings of register 08h and 09h are used
6:0
MICR_VOL<6:0>
000 0000
R/W
Volume settings for right microphone input, adjustable in 127 steps of
0.375dB
00 0000: MUTE
00 0001: -5.625dB gain
00 0010: -5.25 dB gain
..
11 1110: 41.250dB gain
11 1111: 41.625 dB gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com