Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3410 Datasheet(PDF) 5 Page - ams AG

Part # AS3410
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3410 Datasheet(HTML) 5 Page - ams AG

  AS3410 Datasheet HTML 1Page - ams AG AS3410 Datasheet HTML 2Page - ams AG AS3410 Datasheet HTML 3Page - ams AG AS3410 Datasheet HTML 4Page - ams AG AS3410 Datasheet HTML 5Page - ams AG AS3410 Datasheet HTML 6Page - ams AG AS3410 Datasheet HTML 7Page - ams AG AS3410 Datasheet HTML 8Page - ams AG AS3410 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
5 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - P i n A s s i g n m e n t s
4 Pin Assignments
Note: Pin assignment may change in preliminary data sheets.
Figure 5. Pin Assignments (Top View)
AS3400
QFN 24pin
AGND 1
LINL 2
LINR 3
VOL_CSDA 4
MODE_CSCL 5
MICL 6
HPVDD
18
HPR
17
HPL
16
VSS
15
QOP2R
14
IOP2R
13
VNEG or open
25
AS3410
QFN 24pin
AGND
1
LINL
2
LINR
3
VOL_CSDA
4
MODE_CSCL
5
6
HPVDD
18
HPR
17
HPL
16
VSS
15
QOP1R
14
13
QMICL
VBAT
VNEG or open
25
AS3430
QFN 32pin
IOP1L 1
QLINL 2
QMICL 3
AGND 4
LINL 5
LINR 6
VOL_CSDA 7
VBAT
24
HPVDD
23
HPR
22
HPVSS
21
HPL
20
VSS
19
QOP2R
18
MODE_CSCL 8IOP2R
17
Exposed Pad: VNEG
or open
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com