Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3410 Datasheet(PDF) 38 Page - ams AG

Part # AS3410
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3410 Datasheet(HTML) 38 Page - ams AG

Back Button AS3410 Datasheet HTML 34Page - ams AG AS3410 Datasheet HTML 35Page - ams AG AS3410 Datasheet HTML 36Page - ams AG AS3410 Datasheet HTML 37Page - ams AG AS3410 Datasheet HTML 38Page - ams AG AS3410 Datasheet HTML 39Page - ams AG AS3410 Datasheet HTML 40Page - ams AG AS3410 Datasheet HTML 41Page - ams AG AS3410 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
38 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - R e g i s t e r D e s c r i p t i o n
vvvvvvvvvv
Table 32. MIC_MON Register
Name
Base
Default
MIC_MON
2-wire serial
00h (OTP)
Offset: 32h
OPT Microphone Monitor Mode Register
Configures the gain for the microphone input in monitor mode. This is a special register, writing needs to
be enabled by writing 10b to Reg 3Fh first. This register is reset at POR and gets loaded with the OTP
fuse contents.
Bit
Bit Name
Default
Access
Bit Description
7
MON_MODE
0
R/W
0: monitor mode is working with fixed microphone gain
1: monitor mode uses adjustable gain via the VOL pin
6:0
MIC_MON_OTP
<6:0>
000 0000
R/W
Volume settings for microphone input during monitor mode, adjustable in
127 steps of 0.375dB. If MON_MODE bit is set to 1 the gain can be further
adjusted via the VOL pin.
00 0000: MUTE
00 0001: -5.625dB gain
00 0010: -5.25 dB gain
..
11 1110: 41.250dB gain
11 1111: 41.625 dB gain
Table 33. AUDIO_SET Register
Name
Base
Default
AUDIO_SET
2-wire serial
00h (OTP)
Offset: 33h
OPT Audio Setting Register
Configures the audio settings. This is a special register, writing needs to be enabled by writing 10b to Reg
3Fh first. This register is reset at POR and gets loaded with the OTP fuse contents.
Bit
Bit Name
Default
Access
Bit Description
7
VOL_PIN_OFF
0
R/W
0: VOL pin is enabled
1: line in volume settings can only be done via I2C. VOL_PIN_MODE has to
be set to 1 in this mode.
6
VOL_PIN_MODE
0
R/W
0: VOL pin is in potentiometer mode
1: VOL pin is in up/down button mode
5LIN_MODE_OTP
0
R/W
0: line input stage operating in single ended mode
1: line input operating in mono balanced
4MIC_MODE_OTP
0
R/W
0: microphone input stage operating in single ended mode
1: normal operating in mono balanced
3HP_MODE_OTP
0
R/W
0: headphone stage operating in single ended mode
1: normal operating in mono balanced
2:0
LIN_MON_ATTEN
<6:0>
000
R/W
Volume settings for line input during monitor mode, adjustable in 7 steps of
6dB and mute.
000: 0dB gain
001: -6dB gain
..
110: -36dB gain
111: MUTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com