Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP03FSZ Datasheet(PDF) 4 Page - Analog Devices

Part # TMP03FSZ
Description  Serial Digital Output Thermometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP03FSZ Datasheet(HTML) 4 Page - Analog Devices

  TMP03FSZ Datasheet HTML 1Page - Analog Devices TMP03FSZ Datasheet HTML 2Page - Analog Devices TMP03FSZ Datasheet HTML 3Page - Analog Devices TMP03FSZ Datasheet HTML 4Page - Analog Devices TMP03FSZ Datasheet HTML 5Page - Analog Devices TMP03FSZ Datasheet HTML 6Page - Analog Devices TMP03FSZ Datasheet HTML 7Page - Analog Devices TMP03FSZ Datasheet HTML 8Page - Analog Devices TMP03FSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TMP03/TMP04
REV. A
–4–
(continued from page 1)
The TMP03 is a powerful, complete temperature measurement
system with digital output, on a single chip. The onboard tem-
perature sensor follows in the footsteps of the TMP01 low
power programmable temperature controller, offering excellent
accuracy and linearity over the entire rated temperature range
without correction or calibration by the user.
The sensor output is digitized by a first-order sigma-delta
modulator, also known as the “charge balance” type analog-to-
digital converter. (See Figure 1.) This type of converter utilizes
time-domain oversampling and a high accuracy comparator to
deliver 12 bits of effective accuracy in an extremely compact
circuit.
VOLTAGE REF
AND VPTAT
CLOCK
GENERATOR
COMPARATOR
1-BIT
DAC
INTEGRATOR
MODULATOR
DIGITAL
FILTER
TMP03/04
OUT
(SINGLE-BIT)
Figure 1. TMP03 Block Diagram Showing First-Order
Sigma-Delta Modulator
Basically, the sigma-delta modulator consists of an input sampler, a
summing network, an integrator, a comparator, and a 1-bit
DAC. Similar to the voltage-to-frequency converter, this
architecture creates in effect a negative feedback loop whose
intent is to minimize the integrator output by changing the duty
cycle of the comparator output in response to input voltage
changes. The comparator samples the output of the integrator at
a much higher rate than the input sampling frequency, called
oversampling. This spreads the quantization noise over a much
wider band than that of the input signal, improving overall noise
performance and increasing accuracy.
The modulated output of the comparator is encoded using a
circuit technique
which results in a serial digi-
tal signal with a mark-space ratio format that is easily decoded
by any microprocessor into either degrees centigrade or degrees
Fahrenheit values, and readily transmitted or modulated over a
single wire. Most importantly, this encoding method neatly
avoids major error sources common to other modulation tech-
niques, as it is clock-independent.
Output Encoding
Accurate sampling of an analog signal requires precise spacing
of the sampling interval in order to maintain an accurate repre-
sentation of the signal in the time domain. This dictates a
master clock between the digitizer and the signal processor. In
the case of compact, cost-effective data acquisition systems, the
addition of a buffered, high speed clock line can represent a
significant burden on the overall system design. Alternatively,
the addition of an onboard clock circuit with the appropriate
accuracy and drift performance to an integrated circuit can add
significant cost. The modulation and encoding techniques uti-
lized in the TMP03 avoid this problem and allow the overall
circuit to fit into a compact, 3-pin package. To achieve this, a
simple, compact onboard clock and an oversampling digitizer
that is insensitive to sampling rate variations are used. Most
importantly, the digitized signal is encoded into a ratiometric
format in which the exact frequency of the TMP03’s clock is
irrelevant, and the effects of clock variations are effectively can-
celed upon decoding by the digital filter.
The output of the TMP03 is a square wave with a nominal
frequency of 35 Hz (
±20%) at 25°C. The output format is
readily decoded by the user as follows:
T1
T2
Figure 2. TMP03 Output Format
Temperature (
°C) = 235 −
400
× T1
T 2


Temperature (
°F) = 455 −
720
× T1
T 2


The time periods T1 (high period) and T2 (low period) are
values easily read by a microprocessor timer/counter port, with
the above calculations performed in software. Since both peri-
ods are obtained consecutively, using the same clock,
performing the division indicated in the above formulas results
in a ratiometric value that is independent of the exact frequency
of, or drift in, either the originating clock of the TMP03 or the
user’s counting clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com