Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP03FSZ Datasheet(PDF) 2 Page - Analog Devices

Part # TMP03FSZ
Description  Serial Digital Output Thermometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP03FSZ Datasheet(HTML) 2 Page - Analog Devices

  TMP03FSZ Datasheet HTML 1Page - Analog Devices TMP03FSZ Datasheet HTML 2Page - Analog Devices TMP03FSZ Datasheet HTML 3Page - Analog Devices TMP03FSZ Datasheet HTML 4Page - Analog Devices TMP03FSZ Datasheet HTML 5Page - Analog Devices TMP03FSZ Datasheet HTML 6Page - Analog Devices TMP03FSZ Datasheet HTML 7Page - Analog Devices TMP03FSZ Datasheet HTML 8Page - Analog Devices TMP03FSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ACCURACY
Temperature Error
–25
°C < TA < +100°C1
1.5
4.0
°C
–40
°C < TA < –25°C1
2.0
5.0
°C
Temperature Linearity
0.5
°C
Long-Term Stability
1000 Hours at 125
°C
0.5
°C
Nominal Mark-Space Ratio
T1/T2
TA = 0
°C
58.8
%
Nominal T1 Pulsewidth
T1
10
ms
Power Supply Rejection Ratio
PSRR
Over Rated Supply
0.7
1.4
°C/V
TA = 25
°C
OUTPUTS
Output Low Voltage
VOL
ISINK = 1.6 mA
0.2
V
Output Low Voltage
VOL
ISINK = 5 mA
2
V
0
°C < TA < 100°C
Output Low Voltage
VOL
ISINK = 4 mA
2
V
–40
°C < T
A < 0
°C
Digital Output Capacitance
COUT
(Note 2)
15
pF
Fall Time
tHL
See Test Load
150
ns
Device Turn-On Time
20
ms
POWER SUPPLY
Supply Range
V+
4.5
7
V
Supply Current
ISY
Unloaded
0.9
1.3
mA
NOTES
1Maximum deviation from output transfer function over specified temperature range.
2Guaranteed but not tested.
Specifications subject to change without notice.
Test Load
10 k
Ω to 5 V Supply, 100 pF to Ground
TMP04F
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ACCURACY
Temperature Error
TA = 25
°C
1.0
3.0
°C
–25
°C < TA < +100°C1
1.5
4.0
°C
–40
°C < T
A < –25
°C1
2.0
5.0
°C
Temperature Linearity
0.5
°C
Long-Term Stability
1000 Hours at 125
°C
0.5
°C
Nominal Mark-Space Ratio
T1/T2
TA = 0
°C
58.8
%
Nominal T1 Pulsewidth
T1
10
ms
Power Supply Rejection Ratio
PSRR
Over Rated Supply
0.7
1.2
°C/V
TA = 25
°C
OUTPUTS
Output High Voltage
VOH
IOH = 800
µA
V+ –0.4
V
Output Low Voltage
VOL
IOL = 800
µA
0.4
V
Digital Output Capacitance
COUT
(Note 2)
15
pF
Fall Time
tHL
See Test Load
200
ns
Rise Time
tLH
See Test Load
160
ns
Device Turn-On Time
20
ms
POWER SUPPLY
Supply Range
V+
4.5
7
V
Supply Current
ISY
Unloaded
0.9
1.3
mA
NOTES
1Maximum deviation from output transfer function over specified temperature range.
2Guaranteed but not tested.
Specifications subject to change without notice.
Test Load
100 pF to Ground
REV. A
TMP03/TMP04–SPECIFICATIONS
TMP03F (V+ = 5 V, –40 C ≤ T
A
≤ 100 C, unless otherwise noted.)
–2–
(V+ = 5 V, –40 C
≤ TA ≤ 100 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com