Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP03FSZ Datasheet(PDF) 7 Page - Analog Devices

Part # TMP03FSZ
Description  Serial Digital Output Thermometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP03FSZ Datasheet(HTML) 7 Page - Analog Devices

Back Button TMP03FSZ Datasheet HTML 3Page - Analog Devices TMP03FSZ Datasheet HTML 4Page - Analog Devices TMP03FSZ Datasheet HTML 5Page - Analog Devices TMP03FSZ Datasheet HTML 6Page - Analog Devices TMP03FSZ Datasheet HTML 7Page - Analog Devices TMP03FSZ Datasheet HTML 8Page - Analog Devices TMP03FSZ Datasheet HTML 9Page - Analog Devices TMP03FSZ Datasheet HTML 10Page - Analog Devices TMP03FSZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TMP03/TMP04
REV. A
–7–
CH 1 FALL
139.5ns
CH 1 RISE
s
NO VALID EDGE
CH 1 –WIDTH
s
Wfm DOES NOT
CROSS REF
CH 1 +WIDTH
s
Wfm DOES NOT
CROSS REF
TIME SCALE = 250ns/DIV
SAMPLE
( T )
TA = 125 C
VDD = 5V
CLOAD = 100pF
RLOAD = 1k
RUNNING:
200MS/s ET
EDGE SLOPE
TPC 7. TMP03 Output Fall Time at 125
°C
TIME SCALE = 250ns/DIV
SAMPLE
( T )
TA = 25 C
VDD = 5V
CLOAD = 100pF
RLOAD = 0
RUNNING:
200MS/s ET
CH 1 +WIDTH
s
Wfm DOES NOT
CROSS REF
CH 1 –WIDTH
s
Wfm DOES NOT
CROSS REF
CH 1 RISE
s
NO VALID EDGE
CH 1 FALL
127.6ns
TPC 8. TMP04 Output Fall Time at 25
°C
TIME SCALE = 250ns/DIV
SAMPLE
( T )
TA = 125 C
VDD = 5V
CLOAD = 100pF
RLOAD = 0
RUNNING:
200MS/s ET
CH 1 +WIDTH
s
Wfm DOES NOT
CROSS REF
CH 1 –WIDTH
s
Wfm DOES NOT
CROSS REF
CH 1 RISE
s
NO VALID EDGE
CH 1 FALL
188.0ns
TPC 9. TMP04 Output Fall Time at 125
°C
TIME SCALE = 250ns/DIV
SAMPLE
( T )
TA = 25 C
VDD = 5V
CLOAD = 100pF
RLOAD = 0
RUNNING:
200MS/s ET
CH 1 +WIDTH
s
Wfm DOES NOT
CROSS REF
CH 1 –WIDTH
s
Wfm DOES NOT
CROSS REF
CH 1 RISE
110.6ns
CH 1 FALL
s
NO VALID EDGE
TPC 10. TMP04 Output Rise Time at 25
°C
TIME SCALE = 250ns/DIV
SAMPLE
( T )
TA = 125 C
VDD = 5V
CLOAD = 100pF
RLOAD = 0
RUNNING:
200MS/s ET
CH 1 +WIDTH
s
Wfm DOES NOT
CROSS REF
CH 1 –WIDTH
s
Wfm DOES NOT
CROSS REF
CH 1 RISE
149.6ns
CH 1 FALL
s
NO VALID EDGE
TPC 11. TMP04 Output Rise Time at 125
°C
LOAD CAPACITANCE – pF
0
0
TA = 25 C
VS = 5V
RLOAD =
500
1000 1500 2000 2500 3000
500
1000
1500
2000
2500
3500 4000 4500 5000
FAL L TIME
RISE TIME
TPC 12. TMP04 Output Rise and Fall Times
vs. Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com