Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP03FSZ Datasheet(PDF) 6 Page - Analog Devices

Part # TMP03FSZ
Description  Serial Digital Output Thermometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP03FSZ Datasheet(HTML) 6 Page - Analog Devices

Back Button TMP03FSZ Datasheet HTML 2Page - Analog Devices TMP03FSZ Datasheet HTML 3Page - Analog Devices TMP03FSZ Datasheet HTML 4Page - Analog Devices TMP03FSZ Datasheet HTML 5Page - Analog Devices TMP03FSZ Datasheet HTML 6Page - Analog Devices TMP03FSZ Datasheet HTML 7Page - Analog Devices TMP03FSZ Datasheet HTML 8Page - Analog Devices TMP03FSZ Datasheet HTML 9Page - Analog Devices TMP03FSZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TEMPERATURE – C
0
–75
10
V+ = 5V
RLOAD = 10k
20
30
40
50
60
70
–25
25
75
125
175
TPC 1. Output Frequency vs. Temperature
TEMPERATURE – C
0
–75
5
VS = 5V
RLOAD = 10k
10
15
20
25
30
35
–25
25
75
125
175
40
45
T1
T2
TPC 2. T1 and T2 Times vs. Temperature
TIME SCALE = 250ns/DIV
SAMPLE
( T )
TA = 25 C
VDD = 5V
CLOAD = 100pF
RLOAD = 1k
RUNNING:
200MS/s ET
CH 1 +WIDTH
s
Wfm DOES NOT
CROSS REF
CH 1 –WIDTH
s
Wfm DOES NOT
CROSS REF
CH 1 RISE
s
NO VALID EDGE
CH 1 FALL
209.6ns
TPC 3. TMP03 Output Fall Time at 25
°C
SUPPLY VOLTAGE – Volts
0.97
4.5
TA = 25 C
RLOAD = 10k
5
5.5
6
6.5
7
7.5
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
TPC 4. Normalized Output Frequency vs. Supply Voltage
TIME SCALE = 1 s/DIV
SAMPLE
( T )
TA = 25 C
VDD = 5V
CLOAD = 100pF
RLOAD = 1k
RUNNING:
50.0MS/s
CH 1 +WIDTH
s
Wfm DOES NOT
CROSS REF
CH 1 –WIDTH
s
Wfm DOES NOT
CROSS REF
CH 1 RISE
500ns
CH 1 FALL
s
NO VALID EDGE
TPC 5. TMP03 Output Rise Time at 25
°C
TIME SCALE = 1 s/DIV
SAMPLE
( T )
TA = 125 C
VDD = 5V
CLOAD = 100pF
RLOAD = 1k
RUNNING:
50.0MS/s
CH 1 +WIDTH
s
Wfm DOES NOT
CROSS REF
CH 1 –WIDTH
s
Wfm DOES NOT
CROSS REF
CH 1 RISE
5380ns
CH 1 FALL
s
NO VALID EDGE
TPC 6. TMP03 Output Rise Time at 125
°C
REV. A
–6–
TMP03/TMP04–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com