Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS334IDT Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS334IDT
Description  Micropower low-voltage, rail-to-rail comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS334IDT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS334IDT Datasheet HTML 11Page - STMicroelectronics TS334IDT Datasheet HTML 12Page - STMicroelectronics TS334IDT Datasheet HTML 13Page - STMicroelectronics TS334IDT Datasheet HTML 14Page - STMicroelectronics TS334IDT Datasheet HTML 15Page - STMicroelectronics TS334IDT Datasheet HTML 16Page - STMicroelectronics TS334IDT Datasheet HTML 17Page - STMicroelectronics TS334IDT Datasheet HTML 18Page - STMicroelectronics TS334IDT Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
DocID17272 Rev 4
15/27
TS331, TS332, TS334
Package information
4.2
SC70-5 (SOT323-5) package information
Figure 27. SC70-5 (SOT323-5) package mechanical drawing
Table 7. SC70-5 (or SOT323-5) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
1. Values in inches are rounded to three decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.80
1.10
0.315
0.043
A1
0.10
0.004
A2
0.80
0.90
1.00
0.315
0.035
0.039
b
0.15
0.30
0.006
0.012
c
0.10
0.22
0.004
0.009
D
1.80
2.00
2.20
0.071
0.079
0.087
E
1.80
2.10
2.40
0.071
0.083
0.094
E1
1.15
1.25
1.35
0.045
0.049
0.053
e
0.65
0.025
e1
1.30
0.051
L
0.26
0.36
0.46
0.010
0.014
0.018
<0°
8°
0°
8°
SEATING PLANE
GAUGE PLANE
DIMENSIONS IN MM
SIDE VIEW
TOP VIEW
COPLANAR LEADS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com