Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS334IDT Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS334IDT
Description  Micropower low-voltage, rail-to-rail comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS334IDT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS334IDT Datasheet HTML 19Page - STMicroelectronics TS334IDT Datasheet HTML 20Page - STMicroelectronics TS334IDT Datasheet HTML 21Page - STMicroelectronics TS334IDT Datasheet HTML 22Page - STMicroelectronics TS334IDT Datasheet HTML 23Page - STMicroelectronics TS334IDT Datasheet HTML 24Page - STMicroelectronics TS334IDT Datasheet HTML 25Page - STMicroelectronics TS334IDT Datasheet HTML 26Page - STMicroelectronics TS334IDT Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
DocID17272 Rev 4
23/27
TS331, TS332, TS334
Package information
4.8
SO14 package information
Figure 35. SO14 package mechanical drawing
Table 13. SO14 package mechanical data
Dimensions
Ref.
Millimeters
Inches(1)
1. Values in inches are rounded to three decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.35
1.75
0.050
0.068
A1
0.10
0.25
0.004
0.009
A2
1.10
1.65
0.040
0.060
B
0.33
0.51
0.010
0.020
C
0.19
0.25
0.007
0.009
D
8.55
8.75
0.330
0.340
E
3.80
4.0
0.150
0.150
e1.27
0.05
H
5.80
6.20
0.220
0.240
h
0.25
0.50
0.009
0.020
L
0.40
1.27
0.015
0.050
k
8° (max.)
ddd
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com