Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS334IDT Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS334IDT
Description  Micropower low-voltage, rail-to-rail comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS334IDT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS334IDT Datasheet HTML 12Page - STMicroelectronics TS334IDT Datasheet HTML 13Page - STMicroelectronics TS334IDT Datasheet HTML 14Page - STMicroelectronics TS334IDT Datasheet HTML 15Page - STMicroelectronics TS334IDT Datasheet HTML 16Page - STMicroelectronics TS334IDT Datasheet HTML 17Page - STMicroelectronics TS334IDT Datasheet HTML 18Page - STMicroelectronics TS334IDT Datasheet HTML 19Page - STMicroelectronics TS334IDT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Package information
TS331, TS332, TS334
16/27
DocID17272 Rev 4
4.3
DFN6 1.2x1.3 package information
Figure 28. DFN6 1.2x1.3 package mechanical drawing
Table 8. DFN6 1.2x1.3 package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
1. Values in inches are rounded to three decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.45
0.50
0.55
0.018
0.020
0.022
A1
0.00
0.02
0.05
0.000
0.001
0.002
b
0.15
0.18
0.25
0.006
0.007
0.002
c
0.05
0.002
D
1.20
0.047
E
1.30
0.051
e
0.4
0.016
L
0.475
0.525
0.575
0.019
0.021
0.023
L3
0.375
0.425
0.475
0.015
0.017
0.019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com