Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS334IDT Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS334IDT
Description  Micropower low-voltage, rail-to-rail comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS334IDT Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS334IDT Datasheet HTML 13Page - STMicroelectronics TS334IDT Datasheet HTML 14Page - STMicroelectronics TS334IDT Datasheet HTML 15Page - STMicroelectronics TS334IDT Datasheet HTML 16Page - STMicroelectronics TS334IDT Datasheet HTML 17Page - STMicroelectronics TS334IDT Datasheet HTML 18Page - STMicroelectronics TS334IDT Datasheet HTML 19Page - STMicroelectronics TS334IDT Datasheet HTML 20Page - STMicroelectronics TS334IDT Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
DocID17272 Rev 4
17/27
TS331, TS332, TS334
Package information
4.4
DFN8 2x2 package information
Figure 29. DFN8 2x2 package mechanical drawing
Table 9.
DFN8 2x2x0.6 mm package mechanical data (pitch 0.5 mm)
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.51
0.55
0.60
0.020
0.022
0.024
A1
0.05
0.002
A3
0.15
0.006
b
0.18
0.25
0.30
0.007
0.010
0.012
D
1.85
2.00
2.15
0.073
0.079
0.085
D2
1.45
1.60
1.70
0.057
0.063
0.067
E
1.85
2.00
2.15
0.073
0.079
0.085
E2
0.75
0.90
1.00
0.030
0.035
0.039
e
0.50
0.020
L
0.425
0.017
ddd
0.08
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com