Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25C01 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # 25C01
Description  1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

25C01 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  25C01 Datasheet HTML 1Page - Catalyst Semiconductor 25C01 Datasheet HTML 2Page - Catalyst Semiconductor 25C01 Datasheet HTML 3Page - Catalyst Semiconductor 25C01 Datasheet HTML 4Page - Catalyst Semiconductor 25C01 Datasheet HTML 5Page - Catalyst Semiconductor 25C01 Datasheet HTML 6Page - Catalyst Semiconductor 25C01 Datasheet HTML 7Page - Catalyst Semiconductor 25C01 Datasheet HTML 8Page - Catalyst Semiconductor 25C01 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
CAT25C01/02/04/08/16
1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
FEATURES
s 10 MHz SPI Compatible
s 1.8 to 6.0 Volt Operation
s Hardware and Software Protection
s Zero Standby Current
s Low Power CMOS Technology
s SPI Modes (0,0 & 1,1)
s Commercial, Industrial and Automotive
Temperature Ranges
s 1,000,000 Program/Erase Cycles
s 100 Year Data Retention
s Self-Timed Write Cycle
s 8-Pin DIP/SOIC, 8/14-Pin TSSOP and 8-Pin MSOP
s 16/32-Byte Page Write Buffer
s Block Write Protection
– Protect 1/4, 1/2 or all of E2PROM Array
PIN CONFIGURATION
DIP Package (P)
PIN FUNCTIONS
Pin Name
Function
SO
Serial Data Output
SCK
Serial Clock
WP
Write Protect
VCC
+1.8V to +6.0V Power Supply
VSS
Ground
CS
Chip Select
SI
Serial Data Input
HOLD
Suspends Serial Input
NC
No Connect
BLOCK DIAGRAM
© 1999 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Advanced Information
DESCRIPTION
The CAT25C01/02/04/08/16 is a 1K/2K/4K/8K/16K Bit
SPI Serial CMOS E2PROM internally organized as
128x8/256x8/512x8/1024x8/2048x8 bits. Catalyst’s ad-
vanced CMOS Technology substantially reduces de-
vice power requirements. The CAT25C01/02/04 fea-
tures a 16-byte page write buffer. The 25C08/16 fea-
tures a 32-byte page write buffer.The device operates
via the SPI bus serial interface and is enabled though a
Chip Select (
CS). In addition to the Chip Select, the clock
input (SCK), data in (SI) and data out (SO) are required
to access the device. The
HOLD pin may be used to
suspend any serial communication without resetting the
serial sequence. The CAT25C01/02/04/08/16 is de-
signed with software and hardware write protection
features including Block Write protection. The device is
available in 8-pin DIP, 8-pin SOIC, 8-pin MSOP and 8/
14-pin TSSOP packages.
TSSOP Package (U14)
SENSE AMPS
SHIFT REGISTERS
SPI
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
I/O
CONTROL
E2PROM
ARRAY
COLUMN
DECODERS
XDEC
HIGH VOLTAGE/
TIMING CONTROL
SO
25C128 F02
STATUS
REGISTER
BLOCK
PROTECT
LOGIC
DATA IN
STORAGE
SI
CS
WP
HOLD
SCK
SOIC Package (S)
VSS
SO
WP
VCC
HOLD
SCK
SI
1
2
3
4
8
7
6
5
CS
SO
WP
CS
VCC
SCK
SI
1
2
3
4
8
7
6
5
VSS
HOLD
CS
WP
HOLD
VCC
NC
NC
NC
NC
SO
NC
NC
VSS
SCK
SI
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Doc. No. 25067-00 5/00
TSSOP Package (U)
8
7
6
5
VCC
WP
SCL
CS
VSS
1
2
3
4
SO
HOLD
SI
SO
WP
CS
VCC
SCK
SI
1
2
3
4
8
7
6
5
VSS
HOLD
MSOP Package (R)*
*CAT 25C01/02 only


Similar Part No. - 25C01

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
25C0.14YY BELDEN-25C0.14YY Datasheet
156Kb / 2P
MachFlex™ LiYY, 25 C 0.14mm² Str BC, PVC Ins, PVC Jkt
07-04-2024
25C0.14YY006100M BELDEN-25C0.14YY006100M Datasheet
156Kb / 2P
MachFlex™ LiYY, 25 C 0.14mm² Str BC, PVC Ins, PVC Jkt
07-04-2024
25C0.14YY006200M BELDEN-25C0.14YY006200M Datasheet
156Kb / 2P
MachFlex™ LiYY, 25 C 0.14mm² Str BC, PVC Ins, PVC Jkt
07-04-2024
25C0.14YY006300M BELDEN-25C0.14YY006300M Datasheet
156Kb / 2P
MachFlex™ LiYY, 25 C 0.14mm² Str BC, PVC Ins, PVC Jkt
07-04-2024
25C0.14YY010100M BELDEN-25C0.14YY010100M Datasheet
156Kb / 2P
MachFlex™ LiYY, 25 C 0.14mm² Str BC, PVC Ins, PVC Jkt
07-04-2024
More results

Similar Description - 25C01

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
2K/4K/8K/16K-Bit Serial E2PROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
1K/2K/4K-Bit SPI Serial E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com