Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBB503R3SCKA Datasheet(PDF) 3 Page - International Rectifier

Part # SBB503R3SCKA
Description  HIGH RELIABILITY CLASS K HYBRID RADIATION HARDENED, NON-ISOLATED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SBB503R3SCKA Datasheet(HTML) 3 Page - International Rectifier

  SBB503R3SCKA Datasheet HTML 1Page - International Rectifier SBB503R3SCKA Datasheet HTML 2Page - International Rectifier SBB503R3SCKA Datasheet HTML 3Page - International Rectifier SBB503R3SCKA Datasheet HTML 4Page - International Rectifier SBB503R3SCKA Datasheet HTML 5Page - International Rectifier SBB503R3SCKA Datasheet HTML 6Page - International Rectifier SBB503R3SCKA Datasheet HTML 7Page - International Rectifier SBB503R3SCKA Datasheet HTML 8Page - International Rectifier SBB503R3SCKA Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.irf.com
3
SBB SERIES
Single Output
Enable: An Enable pin is provided to remotely turn
the POL on or off. It can also be used for output
sequenceing for multiple SBB POL regulators. The
nominal threshold relative to the input return (pin 2)
is 2.5V. If 3.9 volts or greater are applied to the
Inhibit pin (pin 3) then the POL will operate normally.
The pin may be left open for normal operation. A
voltage of 0.4V or less will cause the SBB POL to
shut down.
Synchronization: An external synchronization port
is provided to allow the multiple SBB POLs to be
synchronized to an external frequency source to
minimize the noise interference coming from the
switching operation of the POLs. The synchronization
frequency ranges from 360 KHz to 440 KHz and the
synchronization signal port can be driven from 5V
logic.
The SBB Series POLs use a proven conservative
design methodology with careful incorporation of
known radiation performance devices and established
reliability components. All components are fully
derated to MIL-STD-1547. Standard design analyses
include stress, thermal, failure modes and effects
(FMEA), reliability & worst case and are available
upon request.
POK:The SBB POL also provides a power ok (POK)
output status signal at Pin 11. A logic high signal is
present when the POL’s output voltage is greater
than 95% of the nominal output voltage. A logic low
signal at Pin 11 indicates the POL’s output voltage
drops below the output voltage threshold of 95%
Remote Sense: Output pins 4 and 5 must be connected
to +Sense pin 6 for proper operation. The +Sense pin
may be connected remotely to the output line at the
load to compensate for a voltage drop in the output line
for precise optimum output regulation. The maximum
voltage compensation in combination with the output
voltage adjustment (if required) is limited to 10% of the
nominal output voltage.To enhance the load regulation
performance Input Return (Pin 2) may be connected
externally to Output Return (Pin 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com