Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBB503R3SCKA Datasheet(PDF) 6 Page - International Rectifier

Part # SBB503R3SCKA
Description  HIGH RELIABILITY CLASS K HYBRID RADIATION HARDENED, NON-ISOLATED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SBB503R3SCKA Datasheet(HTML) 6 Page - International Rectifier

Back Button SBB503R3SCKA Datasheet HTML 2Page - International Rectifier SBB503R3SCKA Datasheet HTML 3Page - International Rectifier SBB503R3SCKA Datasheet HTML 4Page - International Rectifier SBB503R3SCKA Datasheet HTML 5Page - International Rectifier SBB503R3SCKA Datasheet HTML 6Page - International Rectifier SBB503R3SCKA Datasheet HTML 7Page - International Rectifier SBB503R3SCKA Datasheet HTML 8Page - International Rectifier SBB503R3SCKA Datasheet HTML 9Page - International Rectifier SBB503R3SCKA Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
www.irf.com
SBB SERIES
Single Output
Electrical Performance Characteristics ( continued )
Electrical Performance Characteristics - Notes
1.
Parameter is tested as part of design characterization or after design changes. Thereafter, parameter shall be
guaranteed to the limits specified.
2.
Parameter verified during line and load regulation tests.
3.
Guaranteed for a D.C. to 20MHz bandwidth. Tested using a 20KHz to 10MHz bandwidth.
4.
Capacitive load may be any value from 0 to the maximum limit without compromising dc performance.
A capacitive load in excess of the maximum limit may cause erratic behavior during turn-on.
5.
Overload power dissipation is defined as the device power dissipation with the load set such that VOUT = 90% of
nominal.
6.
Load step transition time
≤ 1.0 µs/A for 3.3V & 2.5V models and ≤ 0.1 µs/A for 1.0V, 1.2V, 1.5V & 1.8V models.
7.
Recovery time is measured from the initiation of the transient to where VOUT has returned to within ±1% of its
steady state value.
8.
Line step transition time
≤ 10 µs.
9.
Turn-on delay time from either a step application of input power or a logic low to a logic high transition on the
Enable pin (pin 10) to the point where VOUT = 90% of nominal.
Notes: International Rectifier currently does not have a DLA Land and Maritime (formerly DSCC) certified
Radiation Hardness Assurance Program.
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 5.0V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Recovery time,
step load changes (TTLD)
4,5,6
Half Load to/from Full Load,
Notes 6,7
200
µs
Output response to
step line changes (VTLN)
4,5,6
4.5V to/from 5.5V
IOUT = 100% rated load, Notes 1, 8
-100
100
mV pk
Recovery time,
step line changes (TTLN)
4,5,6
4.5V to/from 5.5V
IOUT = 100% rated load, Notes 1,7,8
200
µs
Turn-on Response
Overshoot (VOS)
Turn-on Delay (TDLY)
4,5,6
No Load, Full Load,
Note 9
0.5
100
10
mV
ms
Capacitive Load (CL)
1
IOUT = 100% rated load
No effect on DC performance
Notes 1, 4
10000
µF
Line Rejection
1
IOUT = 100% rated load
DC to 50KHz, Note 1
28
dB
Device Weight
60
g
MTBF
MIL-HDBK-217F2, SF, 40
°C
2.8 x10
6
Hr
Radiation Performance Characteristics
Test
Conditions
Min
Typ
Unit
MIL-PRF-883, Method 1019
Total Ionizing Dose ( Gamma ) Operating bias applied during exposure,
100
Krads (Si)
2 / 3 Rated Load, VIN = 5.0V
Single Event Effects
Heavy ions (LET)
SEU, SEL, SEGR, SEB
Operating bias applied during exposure,
82
MeVycm
2/mg
Full Rated Load, VIN = 5.5V
Test lab: Cyclotron Institute,
Texas A & M University



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com