Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBB503R3SCKA Datasheet(PDF) 1 Page - International Rectifier

Part # SBB503R3SCKA
Description  HIGH RELIABILITY CLASS K HYBRID RADIATION HARDENED, NON-ISOLATED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SBB503R3SCKA Datasheet(HTML) 1 Page - International Rectifier

  SBB503R3SCKA Datasheet HTML 1Page - International Rectifier SBB503R3SCKA Datasheet HTML 2Page - International Rectifier SBB503R3SCKA Datasheet HTML 3Page - International Rectifier SBB503R3SCKA Datasheet HTML 4Page - International Rectifier SBB503R3SCKA Datasheet HTML 5Page - International Rectifier SBB503R3SCKA Datasheet HTML 6Page - International Rectifier SBB503R3SCKA Datasheet HTML 7Page - International Rectifier SBB503R3SCKA Datasheet HTML 8Page - International Rectifier SBB503R3SCKA Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
11/28/12
www.irf.com
1
HIGH RELIABILITY CLASS K HYBRID,
RADIATION HARDENED, NON-ISOLATED
POINT OF LOAD (POL) VOLTAGE REGULATOR
SBB SERIES
Description
The SBB Series point of load (POL) DC to DC voltage
regulators are high reliability hermetically sealed thick
film hybrids designed to provide a single regulated DC
output from a DC voltage source. The output power
rating is 14W to 30W depending on output voltage,
with maximum current rating of 14A. The POLs are class
K qualified per MIL-PRF-38534. These products are
designed to operate continuously on board a space
craft up to the rated power output without power derating
for case temperature of 85°C. The POLs are suitable
for harsh radiation environments normally encountered
in the geo-synchronous orbit (GEO), medium earth orbit
(MEO), low earth orbit (LEO), deep space, and for other
challenging radiation design applications.
The SBB POL is a non isolated synchronous buck
regulator. It incorporates IR’s heritage- rich components
and circuit design library for long term reliability
expected of system designs with a mission life of up to
18 years or more. The SBB Series of POLs operate from
a DC input power source with the voltage range of 4.5V
to 5.5V. It converts DC input voltage down to a fixed and
highly stable DC output. The standard voltage outputs
are 1.0V, 1.2V, 1.5V, 1.8V, 2.5V, and 3.3V. The output
is adjustable with the addition of an external resistor.
The output adjustment range is approximately ±10% of
a nominal output voltage. Also included is remote
sensing capability to compensate for voltage drops in
the output lines. This feature, in combination with the
output adjustment capability, enables an output voltage
of a POL to be accurately set as needed.
Single Output
With its excellent efficiency performance, SBB POLs
are ideal as the point of load regulators for the
distributed power architecture (DPA) design systems.
Other key benefits include excellent dynamic load
response, precise voltage setting, remote output voltage
sensing and synchronization.
Features
n Total dose >100K Rads (Si)
n SEE hardness rated with LET > 82 MeV-cm2/mg
n Operates from 4.5V to 5.5V DC supply
n Fixed output voltage: 1V, 1.2V, 1.5V, 1.8V,
2.5V and 3.3V are standards
n Output power up to 30W or 14A maximum
without de-rating
n High efficiency to 89%
n Remote sense compensation
n Fixed 400 KHz operating frequency
n Output adjustable to ±10% of nominal
output with an external resistor
n Enable function pin for remote on/off control
n Input undervoltage and output under
voltage protection
n Overload and short circuit protection
n Low noise with integrated input
and output filters
n No external filter capacitors required
n Soft start
n Under voltage lockout (UVLO)
n Synchronization
n Output Status Telemetry(POK)
n -55 to +85°C operating case temperature
without output power derating
n MIL-PRF-38534 element evaluated components
n Custom versions available
n Derating per MIL-STD-1547 for space flight
n MTBF > 2.8 million hours for space
flight environments
n Standard Microcircuit Drawings (SMDs) Available
PD-97563B


Similar Part No. - SBB503R3SCKA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB5000 RFMD-SBB5000 Datasheet
155Kb / 6P
0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5000S2 RFMD-SBB5000S2 Datasheet
155Kb / 6P
0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
logo
International Rectifier
SBB501S IRF-SBB501S Datasheet
183Kb / 11P
HIGH RELIABILITY CLASS K HYBRID
SBB501S IRF-SBB501S_15 Datasheet
183Kb / 11P
HIGH RELIABILITY CLASS K HYBRID
logo
RF Micro Devices
SBB5082S RFMD-SBB5082S Datasheet
845Kb / 6P
InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
More results

Similar Description - SBB503R3SCKA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARH28XXS IRF-ARH28XXS Datasheet
118Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART2800T IRF-ART2800T Datasheet
231Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S Datasheet
182Kb / 13P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ARH2800 IRF-ARH2800_15 Datasheet
191Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
ART2800T IRF-ART2800T_15 Datasheet
231Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
SBB501S IRF-SBB501S_15 Datasheet
183Kb / 11P
HIGH RELIABILITY CLASS K HYBRID
GHP12005S IRF-GHP12005S Datasheet
459Kb / 12P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com