Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBB503R3SCKA Datasheet(PDF) 4 Page - International Rectifier

Part # SBB503R3SCKA
Description  HIGH RELIABILITY CLASS K HYBRID RADIATION HARDENED, NON-ISOLATED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SBB503R3SCKA Datasheet(HTML) 4 Page - International Rectifier

  SBB503R3SCKA Datasheet HTML 1Page - International Rectifier SBB503R3SCKA Datasheet HTML 2Page - International Rectifier SBB503R3SCKA Datasheet HTML 3Page - International Rectifier SBB503R3SCKA Datasheet HTML 4Page - International Rectifier SBB503R3SCKA Datasheet HTML 5Page - International Rectifier SBB503R3SCKA Datasheet HTML 6Page - International Rectifier SBB503R3SCKA Datasheet HTML 7Page - International Rectifier SBB503R3SCKA Datasheet HTML 8Page - International Rectifier SBB503R3SCKA Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.irf.com
SBB SERIES
Single Output
Electrical Performance Characteristics
For Notes to Electrical Performance Characteristics Table, refer to page 6
1
Meets derating per MIL-STD-1547
Input voltage range
-0.5Vdc to +7.0Vdc
Input voltage range
4.5Vdc to 5.5Vdc
Output power
Internally limited
Output power
0 to Max. Rated
Lead temperature
300°C for 10 seconds
Operating case temperature
-55°C to +125°C
Operating case temperature
1
-55°C to +85°C
Storage temperature
-55°C to +125°C
Storage temperature
-55°C to +125°C
Recommended Operating Conditions
Absolute Maximum Ratings
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 5.0V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Input Voltage
4.5
5.0
5.5
V
Output Voltage (VOUT)
SBB501S
SBB501R2S
SBB501R5S
SBB501R8S
SBB502R5S
SBB503R3S
SBB501S
SBB501R2S
SBB501R5S
SBB501R8S
SBB502R5S
SBB503R3S
1
1
1
1
1
1
2,3
2,3
2,3
2,3
2,3
2,3
IOUT = 100% rated load
IOUT = 100% rated load
0.985
1.182
1.478
1.773
2.463
3.251
0.970
1.164
1.462
1.755
2.450
3.234
1.000
1.200
1.500
1.800
2.500
3.300
1.015
1.218
1.523
1.827
2.538
3.350
1.030
1.236
1.537
1.855
2.550
3.366
V
Output power (POUT)
SBB501S
SBB501R2S
SBB501R5S
SBB501R8S
SBB502R5S
SBB503R3S
1,2,3
VIN = 4.5, 5.0 and 5.5V, Note 2
14
16.8
21
25.2
30
30
W
Output current (IOUT)
SBB501S
SBB501R2S
SBB501R5S
SBB501R8S
SBB502R5S
SBB503R3S
1,2,3
VIN = 4.5, 5.0 and 5.5V, Note 2
0
0
0
0
0
0
14
14
14
14
12
9.1
A
Line regulation (VRLINE)
1,2,3
VIN = 4.5, 5.0, 5.5 Volts
IOUT = 0, 50%, 100% rated
-0.25
0.25
%
Load regulation (VRLOAD)
SBB501S
SBB501R2S
SBB501R5S
SBB501R8S
SBB502R5S
SBB503R3S
1,2,3
VIN = 4.5, 5.0, 5.5 Volts
IOUT = 0, 50%, 100% rated
-15
-15
-15
-15
-13
-17
15
15
15
15
17
17
mV
Switching frequency (FS)
1,2,3
Sync Input (Pin 9) open
360
400
440
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com