Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5228BUJZ10-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5228BUJZ10-R2
Description  32-Position Manual Up/Down Control Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5228BUJZ10-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5228BUJZ10-R2 Datasheet HTML 7Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 8Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 9Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 10Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 11Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 12Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 13Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 14Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD5228
Rev. A | Page 11 of 20
THEORY OF OPERATION
The AD5228 is a 32-position manual up/down digitally con-
trolled potentiometer with selectable power-on preset. The
AD5228 presets to midscale when the PRE pin is tied to ground
and to zero-scale when PRE is tied to VDD. Floating the PRE pin
is not allowed. The step-up and step-down operations require
the activation of the PU (push-up) and PD (push-down) pins.
These pins have 100 kΩ internal pull-up resistors that the PU
and PD activate at logic low. The common practice is to apply
external pushbuttons (tactile switches) as shown in
.
Figure 30
UP/DOWN
CONTROL
LOGIC
DISCRETE
STEP/AUTO
SCAN DETECT
ADAPTIVE
DEBOUNCER
ZERO- OR MID-
SCALE PRESET
AD5228
PUSH-UP
BUTTON
PUSH-DOWN
BUTTON
R1
R2
D
E
C
O
D
E
A
W
B
VDD
PRE
GND
PU
PD
Figure 30. Typical Pushbutton Interface
Because of the bounce mechanism commonly found in the
switches during contact closures, a single pushbutton press
usually generates numerous bounces during contact closure.
Note that the term pushbutton refers specifically to a
pushbutton tactile switch or a similar switch that has 10 ms or
less bounce time during contact closure. Figure 31 shows the
characteristics of one such switch, the KRS-3550 tactile switch.
Figure 32 and Figure 33 show close ups of the initial bounces
and end bounces, respectively.
CH1 1.00V
M40.0ms
A CH1
2.38V
1
T 20.40%
Figure 31. Typical Tactile Switch Characteristics
CH1 1.00V
M100
μs
A CH1
2.38V
1
T 20.20%
Figure 32. Close-Up of Initial Bounces
CH1 1.00V
M10.0
μs
A CH1
2.38V
1
T 20.20%
Figure 33. Close-Up of Final Bounces
The following paragraphs describes the PU incrementing
operation. Similar characteristics apply to the PD decrementing
operation.
The AD5228 features an adaptive debouncer that monitors the
duration of the logic-low level of PU signal between bounces. If
the PU logic-low level signal duration is shorter than 7 ms, the
debouncer ignores it as an invalid incrementing command.
Whenever the logic-low level of PU signal lasts longer than
11 ms, the debouncer assumes that the last bounce is met and
therefore increments RWB by one step.
Repeatedly pressing the PU button for fast adjustment without
missing steps is allowed, provided that each press is not shorter
than tPU, which is 12 ms (see
). As a point of reference,
an advanced video game player can press a pushbutton switch
in 40 ms.
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com