Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5228BUJZ10-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5228BUJZ10-R2
Description  32-Position Manual Up/Down Control Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5228BUJZ10-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD5228BUJZ10-R2 Datasheet HTML 1Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 2Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 3Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 4Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 5Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 6Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 7Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 8Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
32-Position Manual Up/Down Control
Potentiometer
AD5228
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703© 2004–2009Analog Devices, Inc. All rights reserved.
FEATURES
32-position digital potentiometer
10 kΩ, 50 kΩ, 100 kΩ end-to-end terminal resistance
Simple manual up/down control
Self-contained, requires only 2 pushbutton tactile switches
Built-in adaptive debouncer
Discrete step-up/step-down control
Autoscan up/down control with 4 steps per second
Pin-selectable zero-scale/midscale preset
Low potentiometer mode tempco, 5 ppm/°C
Low rheostat mode tempco, 35 ppm/°C
Digital control compatible
Ultralow power, IDD = 0.4 μA typ and 3 μA max
Low operating voltage, 2.7 V to 5.5 V
Automotive temperature range, −40°C to +105°C
Compact thin SOT-23-8 (2.9 mm × 3 mm) Pb-free package
APPLICATIONS
Mechanical potentiometer and trimmer replacements
LCD backlight, contrast, and brightness controls
Digital volume control
Portable device-level adjustments
Electronic front panel-level controls
Programmable power supply
GENERAL DESCRIPTION
The AD5228 is Analog Devices’ latest 32-step-up/step-down
control digital potentiometer emulating mechanical potenti-
ometer operation1. Its simple up/down control interface allows
manual control with just two external pushbutton tactile
switches. The AD5228 is designed with a built-in adaptive
debouncer that ignores invalid bounces due to contact bounce
commonly found in mechanical switches. The debouncer is
adaptive, accommodating a variety of pushbutton tactile
switches that generally have less than 10 ms of bounce time
during contact closures. When choosing the switch, the user
should consult the timing specification of the switch to ensure
its suitability in an AD5228 application.
1 The terms digital potentiometer and RDAC are used interchangeably.
FUNCTIONAL BLOCK DIAGRAM
UP/DOWN
CONTROL
LOGIC
DISCRETE
STEP/AUTO
SCAN DETECT
ADAPTIVE
DEBOUNCER
ZERO- OR MID-
SCALE PRESET
AD5228
PUSH-UP
BUTTON
PUSH-DOWN
BUTTON
R1
R2
D
E
C
O
D
E
A
W
B
VDD
PRE
GND
PU
PD
Figure 1.
The AD5228 can increment or decrement the resistance in
discrete steps or in autoscan mode. When the PU or PD button
is pressed briefly (no longer than 0.6 s), the resistance of the
AD5228 changes by one step. When the PU or PD button is
held continuously for more than a second, the device activates
the autoscan mode and changes four resistance steps per
second.
The AD5228 can also be controlled digitally; its up/down
features simplify microcontroller usage. The AD5228 is available
in a compact thin SOT-23-8 (TSOT-8) package. The part is
guaranteed to operate over the automotive temperature range of
−40°C to +105°C.
The AD5228’s simple interface, small footprint, and very low
cost enable it to replace mechanical potentiometers and
trimmers with typically 3× improved resolution, solid-state
reliability, and faster adjustment, resulting in considerable cost
saving in end users’ systems.
Users who consider EEMEM potentiometers should refer to the
recommendations in the Applications section.
Table 1. Truth Table
PU
PD
Operation1
0
0
RWB Decrement
0
1
RWB Increment
1
0
RWB Decrement
1
1
RWB Does Not Change
1RWA increments if RWB decrements and vice versa.


Similar Part No. - AD5228BUJZ10-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5228BUJZ10-R2 AD-AD5228BUJZ10-R2 Datasheet
341Kb / 20P
32-Position Manual Up/Down Control Potentiometer
4/04-Revision 0
More results

Similar Description - AD5228BUJZ10-R2

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
Nonvolatile, 32-Position Digital Potentiometer
logo
Analog Devices
AD5228 AD-AD5228 Datasheet
341Kb / 20P
32-Position Manual Up/Down Control Potentiometer
4/04-Revision 0
logo
Catalyst Semiconductor
CAT5128 CATALYST-CAT5128 Datasheet
285Kb / 8P
32-Tap Digital Up/Down Control Potentiometer
logo
ON Semiconductor
CAT5128 ONSEMI-CAT5128 Datasheet
178Kb / 8P
32-Tap Digital Up/Down Control Potentiometer
Doc. No. MD-2128 Rev. B
logo
Analog Devices
AD5111 AD-AD5111 Datasheet
458Kb / 24P
Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5227 AD-AD5227 Datasheet
384Kb / 16P
64-Position Up/Down Control Digital Potentiometer
REV. B
AD5228 AD-AD5228_15 Datasheet
440Kb / 20P
32-Position Manual Up/Down Control Potentiometer
REV. A
logo
ON Semiconductor
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
N57L5128 ONSEMI-N57L5128 Datasheet
79Kb / 7P
32?릘ap Digital Up/Down Control Potentiometer (POT)
August, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com