Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5228BUJZ10-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5228BUJZ10-R2
Description  32-Position Manual Up/Down Control Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5228BUJZ10-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5228BUJZ10-R2 Datasheet HTML 12Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 13Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 14Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 15Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 16Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 17Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 18Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 19Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD5228
Rev. A | Page 16 of 20
AUTOMATIC LCD PANEL BACKLIGHT CONTROL
With the addition of a photocell sensor, an automatic brightness
control can be achieved. As shown in Figure 44, the resistance
of the photocell changes linearly but inversely with the light
output. The brighter the light output, the lower the photocell
resistance and vice versa. The AD5228 sets the voltage level that
is gained up by U2 to drive N1 to a desirable brightness. With
the photocell acting as the variable feedback resistor, the change
in the light output changes the R2 resistance, therefore causing
U2 to drive N1 accordingly to regulate the output. This simple
low cost implementation of an LED controller can compensate
for the temperature and aging effects typically found in high
power LEDs. Similarly, for power efficiency, a PWM signal can
be applied at the gate of N2 to switch the LED on and off
without noticeable effect.
PUSH-UP
BUTTON
PUSH-DOWN
BUTTON
A
W
B
10k
Ω
VDD
GND
PRE
PU
PD
U1
AD5228
C1
1
μF
C2
0.1
μF
5V
U2
AD8531
+
–
V+
V–
5V
C3
0.1
μF
R1
1k
Ω
R3
4.75k
Ω
R2
5V
PWM
N2
2N7002
N1
2N7002
WHITE
LED
D1
5V
PHOTOCELL
Figure 44. Automatic LCD Panel Backlight Control
AUDIO AMPLIFIER WITH VOLUME CONTROL
The AD5228 and SSM2211 can form a 1.5 W audio amplifier
with volume control that has adequate power and quality for
portable devices such as PDAs and cell phones. The SSM2211
can drive a single speaker differentially between Pins 5 and 8
without any output capacitor. The high-pass cutoff frequency is
fH1 = 1/(2 × π × R1 × C1). The SSM2211 can also drive two
speakers as shown in Figure 45. However, the speakers must be
configured in single-ended mode, and output coupling capacitors
are needed to block the dc current. The output capacitor and
the speaker load form an additional high-pass cutoff frequency
as fH2 = 1/(2 × π × R5 × C3). As a result, C3 and C4 must be
large to make the frequency as low as fH1.
PUSH-UP
BUTTON
PUSH-DOWN
BUTTON
A
W
B
10k
Ω
VDD
PRE
GND
PU
PD
U1
AUDIO_INPUT
U3
AD8591
+
–
R4
10k
Ω
R3
10k
Ω
5V
C6
10
μF
C7
0.1
μF
5V
±2.5V p-p
C1
1
μF R1
10k
Ω
C2
0.1
μF
U2
SSM2211
+
–
V+
6
4
3
2
7
1
8
5
V–
5V
C5
0.1
μF
R6
8
Ω
R5
8
Ω
C3
470
μF
C44
470
μF
R2
10k
Ω
Figure 45. Audio Amplifier with Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com