Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5228BUJZ10-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5228BUJZ10-R2
Description  32-Position Manual Up/Down Control Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5228BUJZ10-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5228BUJZ10-R2 Datasheet HTML 12Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 13Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 14Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 15Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 16Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 17Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 18Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 19Page - Analog Devices AD5228BUJZ10-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD5228
Rev. A | Page 18 of 20
OUTLINE DIMENSIONS
13
5
6
2
8
4
7
2.90 BSC
PIN 1
INDICATOR
1.60 BSC
1.95
BSC
0.65 BSC
0.38
0.22
0.10 MAX
*0.90
0.87
0.84
SEATING
PLANE
*1.00 MAX
0.20
0.08
0.60
0.45
0.30
8°
4°
0°
2.80 BSC
*COMPLIANT TO JEDEC STANDARDS MO-193-BA WITH
THE EXCEPTION OF PACKAGE HEIGHT AND THICKNESS.
Figure 48. 8-Lead Small Outline Transistor Package [TSOT]
(UJ-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
RAB (kΩ)
Temperature Range
Package Description
Package Option
Ordering Quantity
Branding
AD5228BUJZ102-RL7
10
−40°C to +105°C
8-Lead TSOT
UJ-8
3000
D3K
AD5228BUJZ102-R2
10
−40°C to +105°C
8-Lead TSOT
UJ-8
250
D3K
AD5228BUJZ502-RL7
50
−40°C to +105°C
8-Lead TSOT
UJ-8
3000
D3L
AD5228BUJZ502-R2
50
−40°C to +105°C
8-Lead TSOT
UJ-8
250
D3L
AD5228BUJZ1002-RL7
100
−40°C to +105°C
8-Lead TSOT
UJ-8
3000
D3M
AD5228BUJZ1002-R2
100
−40°C to +105°C
8-Lead TSOT
UJ-8
250
D3M
EVAL-AD5228EBZ
10
Evaluation Board
1
1 The end-to-end resistance R
AB
is available in 10 kΩ, 50 kΩ, and 100 kΩ. The final three characters of the part number determine the nominal resistance value, for
example,10 kΩ = 10.
2 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com