Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP42X Datasheet(PDF) 94 Page - Intel Corporation

Part # IXP42X
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP42X Datasheet(HTML) 94 Page - Intel Corporation

Back Button IXP42X Datasheet HTML 90Page - Intel Corporation IXP42X Datasheet HTML 91Page - Intel Corporation IXP42X Datasheet HTML 92Page - Intel Corporation IXP42X Datasheet HTML 93Page - Intel Corporation IXP42X Datasheet HTML 94Page - Intel Corporation IXP42X Datasheet HTML 95Page - Intel Corporation IXP42X Datasheet HTML 96Page - Intel Corporation IXP42X Datasheet HTML 97Page - Intel Corporation IXP42X Datasheet HTML 98Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Electrical Specifications
94
Datasheet
NOTES:
1. The EX_ALE signal is extended form 1 to 4 cycles based on the programming of the T1 timing parameter.
The parameter Tale2addrhold is fixed at 1 cycle.
2. Setting the address phase parameter (T1) will adjust the duration that the address appears to the external device.
3. Setting the data setup phase parameter (T2) will adjust the duration that the data appears prior to a data
strobe (read or write) to an external device.
4. Setting the data strobe phase parameter (T3) will adjust the duration that the data strobe appears (read or
write) to an external device. Data will be available during this time as well.
5. Setting the data hold strobe phase parameter (T4) will adjust the duration that the chip selects, address, and
data (during a write) will be held.
6. Setting the recovery phase parameter (T5) will adjust the duration between successive accesses on the
expansion interface.
7. One cycle is the period of the Expansion Bus clock.
8. Clock to output delay for all signals will be a maximum of 15 ns for devices requiring operation in
synchronous mode.
9. Timing tests were performed with a 70-pF capacitor to ground.
Table 52.
Intel Multiplexed Mode Values
Symbol
Parameter
Min.
Max.
Units
Notes
Talepulse
Pulse width of ALE (ADDR is valid at the rising edge of ALE)
1
41
Cycles 1, 7
Tale2addrhold
Valid address hold time after from falling edge of ALE
1
1
Cycles 1, 2, 7
Tdval2valwrt
Write data valid prior to WR_N falling edge
1
4
Cycles 3, 7
Twrpulse
Pulse width of the WR_N
1
16
Cycles 4, 7
Tdholdafterwr
Valid data after the rising edge of WR_N
1
4
Cycles 5, 7
Tale2valcs
Valid chip select after the falling edge of ALE
1
4
Cycles 7
Trdsetup
Data valid required before the rising edge of RD_N
5.3
14.7
ns
Trdhold
Data hold required after the rising edge of RD_N
2
ns
Trecov
Time needed between successive accesses on expansion
interface.
116
Cycles 6
Figure 26.
Intel Simplex Mode
A9586-01
EX_CLK
EX_ADDR
EX_DATA
EX_RD_N
EX_DATA
EX_WR_N
Valid Address
Output Data
T5
1-16 Cycles
T4
1-4 Cycles
EX_CS_N
Twrpulse
Trecov
Taddr2valcs
Tdval2valwrt
Input Data
Tdhold2afterwr
T3
1-16 Cycles
T2
1-4 Cycles
T1
1-4 Cycles
Trdsetup
Trdhold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com