Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP42X Datasheet(PDF) 37 Page - Intel Corporation

Part # IXP42X
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP42X Datasheet(HTML) 37 Page - Intel Corporation

Back Button IXP42X Datasheet HTML 33Page - Intel Corporation IXP42X Datasheet HTML 34Page - Intel Corporation IXP42X Datasheet HTML 35Page - Intel Corporation IXP42X Datasheet HTML 36Page - Intel Corporation IXP42X Datasheet HTML 37Page - Intel Corporation IXP42X Datasheet HTML 38Page - Intel Corporation IXP42X Datasheet HTML 39Page - Intel Corporation IXP42X Datasheet HTML 40Page - Intel Corporation IXP42X Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Functional Signal Descriptions
Datasheet
37
Table 10.
UTOPIA-2 Interface (Sheet 1 of 2)
Name
Power
On
Reset†
Reset† Type†
Description
UTP_OP_CLK
Z
VI
I
UTOPIA Transmit clock input. Also known as UTP_TX_CLK. This
signal is used to synchronize all UTOPIA-transmit outputs to the rising
edge of the UTP_OP_CLK.
This signal should be pulled low through a 10-K
Ω resistor when not
being utilized in the system.
UTP_OP_FCO
Z
Z
O
UTOPIA flow control output signal. Also known as the TXENB_N
signal.
Used to inform the selected PHY that data is being transmitted to the
PHY. Placing the PHY’s address on the UTP_OP_ADDR — and
bringing UTP_OP_FCO to logic 1, during the current clock — followed
by the UTP_OP_FCO going to a logic 0, on the next clock cycle,
selects which PHY is active in MPHY mode.
In SPHY configurations, UTP_OP_FCO is used to inform the PHY that
the processor is ready to send data.
UTP_OP_SOC
Z
Z
O
Start of Cell. Also known as TX_SOC.
Active high signal is asserted when UTP_OP_DATA contains the first
valid byte of a transmitted cell.
UTP_OP_DATA[7:0]
Z
Z
O
UTOPIA output data. Also known as UTP_TX_DATA. Used to send
data from the processor to an ATM UTOPIA-Level-2-compliant PHY.
UTP_OP_ADDR[4:0]
Z
VI
O
Transmit PHY address bus. Used by the processor when operating in
MPHY mode to poll and select a single PHY at any given time.
UTP_OP_FCI
Z
VI
I
UTOPIA Output data flow control input: Also known as the
TXFULL/CLAV signal.
Used to inform the processor of the ability of each polled PHY to
receive a complete cell. For cell-level flow control in an MPHY
environment, TxClav is an active high tri-stateable signal from the
MPHY to ATM layer. The UTP_OP_FCI, which is connected to multiple
MPHY devices, will see logic high generated by the PHY, one clock
after the given PHY address is asserted — when a full cell can be
received by the PHY. The UTP_OP_FCI will see a logic low generated
by the PHY one clock cycle, after the PHY address is asserted — if a
full cell cannot be received by the PHY.
This signal should be tied low through a 10-K
Ω resistor if not being
used.
UTP_IP_CLK
Z
VI
I
UTOPIA Receive clock input. Also known as UTP_RX_CLK.
This signal is used to synchronize all UTOPIA-received inputs to the
rising edge of the UTP_IP_CLK.
This signal should be pulled low through a 10-K
Ω resistor when not
being utilized in the system.
UTP_IP_FCI
Z
VI
I
UTOPIA Input Data flow control input signal. Also known as
RXEMPTY/CLAV.
Used to inform the processor of the ability of each polled PHY to send a
complete cell. For cell-level flow control in an MPHY environment,
RxClav is an active high tri-stateable signal from the MPHY to ATM
layer. The UTP_IP_FCI, which is connected to multiple MPHY devices,
will see logic high generated by the PHY, one clock after the given PHY
address is asserted, when a full cell can be received by the PHY. The
UTP_IP_FCI will see a logic low generated by the PHY, one clock cycle
after the PHY address is asserted if a full cell cannot be received by the
PHY.
In SPHY mode, this signal is used to indicate to the processor that the
PHY has an octet or cell available to be transferred to the processor.
Should be pulled low through a 10-K
Ω resistor when not being utilized
in the system.
UTP_IP_SOC
Z
VI
I
Start of Cell. RX_SOC
Active-high signal that is asserted when UTP_IP_DATA contains the
first valid byte of a transmitted cell.
Should be pulled low through a 10-K
Ω resistor when not being utilized
in the system.
†
For a legend of the Type codes, see Table 4 on page 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com