Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP42X Datasheet(PDF) 38 Page - Intel Corporation

Part # IXP42X
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP42X Datasheet(HTML) 38 Page - Intel Corporation

Back Button IXP42X Datasheet HTML 34Page - Intel Corporation IXP42X Datasheet HTML 35Page - Intel Corporation IXP42X Datasheet HTML 36Page - Intel Corporation IXP42X Datasheet HTML 37Page - Intel Corporation IXP42X Datasheet HTML 38Page - Intel Corporation IXP42X Datasheet HTML 39Page - Intel Corporation IXP42X Datasheet HTML 40Page - Intel Corporation IXP42X Datasheet HTML 41Page - Intel Corporation IXP42X Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Functional Signal Descriptions
38
Datasheet
UTP_IP_DATA[7:0]
Z
VI
I
UTOPIA input data. Also known as RX_DATA.
Used by to the processor to receive data from an ATM
UTOPIA-Level-2-compliant PHY.
Should be pulled low through a 10-K
Ω resistor when not being utilized
in the system.
UTP_IP_ADDR[4:0]
Z
VI
O
Receive PHY address bus.
Used by the processor when operating in MPHY mode to poll and
select a single PHY at any one given time.
UTP_IP_FCO
Z
Z
O
UTOPIA Input Data Flow Control Output signal: Also known as the
RX_ENB_N.
In SPHY configurations, UTP_IP_FCO is used to inform the PHY that
the processor is ready to accept data.
In MPHY configurations, UTP_IP_FCO is used to select which PHY will
drive the UTP_RX_DATA and UTP_RX_SOC signals. The PHY is
selected by placing the PHY’s address on the UTP_IP_ADDR and
bringing UTP_OP_FCO to logic 1 during the current clock, followed by
the UTP_OP_FCO going to a logic 0 on the next clock cycle.
Table 11.
Expansion Bus Interface
Name
Power
On
Reset†
Reset†
Type†
Description
EX_CLK
ZZI
Input clock signal used to sample all expansion interface inputs and
clock all expansion interface outputs.
EX_ALE
Z
0
O
Address-latch enable used for multiplexed address/data bus accesses.
Used in Intel and Motorola* multiplexed modes of operation.
EX_ADDR[23:0]
H
H
I/O
Expansion-bus address used as an output for data accesses over the
expansion bus. Also, used as an input during reset to capture device
configuration. These signals have a weak pull-up resistor attached
internally. Based on the desired configuration, various address signals
must be tied low in order for the device to operate in the desired mode.
EX_WR_N
Z
1
O
Intel-mode write strobe / Motorola-mode data strobe
(EXP_MOT_DS_N) / TI*-mode data strobe (TI_HDS1_N).
EX_RD_N
Z
1
O
Intel-mode read strobe / Motorola-mode read-not-write
(EXPB_MOT_RNW) / TI mode read-not-write (TI_HR_W_N).
EX_CS_N[7:0]
Z
1
O
External chip selects for expansion bus.
•
Chip selects 0 through 7 can be configured to support Intel or
Motorola bus cycles.
•
Chip selects 4 through 7 can be configured to support TI HPI bus
cycles.
EX_DATA[15:0]
Z
0
I/O
Expansion-bus, bidirectional data
EX_IOWAIT_N
H
H
I
Data ready/acknowledge from expansion-bus devices. Expansion-bus
access is halted when an external device sets EX_IOWAIT_N to logic 0
and resume from the halted location once the external device sets
EX_IOWAIT_N to logic 1. This signal affects accesses that use
EX_CS_N[7:0] when the chip select is configured in Intel- or
Motorola-mode of operation.
Should be pulled high through a 10-K
Ω resistor when not being utilized
in the system.
EX_RDY[3:0]
H
H
I
HPI interface ready signals. Can be configured to be active high or
active low. These signals are used to halt accesses using Chip Selects
7 through 4 when the chip selects are configured to operate in HPI
mode. There is one RDY signal per chip select. This signal only affects
accesses that use EX_CS_N[7:4].
Should be pulled low though a 10-K
Ω resistor when not being utilized in
the system.
†
For a legend of the Type codes, see Table 4 on page 30.
Table 10.
UTOPIA-2 Interface (Sheet 2 of 2)
Name
Power
On
Reset†
Reset† Type†
Description
†
For a legend of the Type codes, see Table 4 on page 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com