Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP42X Datasheet(PDF) 34 Page - Intel Corporation

Part # IXP42X
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP42X Datasheet(HTML) 34 Page - Intel Corporation

Back Button IXP42X Datasheet HTML 30Page - Intel Corporation IXP42X Datasheet HTML 31Page - Intel Corporation IXP42X Datasheet HTML 32Page - Intel Corporation IXP42X Datasheet HTML 33Page - Intel Corporation IXP42X Datasheet HTML 34Page - Intel Corporation IXP42X Datasheet HTML 35Page - Intel Corporation IXP42X Datasheet HTML 36Page - Intel Corporation IXP42X Datasheet HTML 37Page - Intel Corporation IXP42X Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Functional Signal Descriptions
34
Datasheet
PCI_GNT_N[0]
Z
Z
I/O
PCI arbitration grant:
•
When configured as an output (PCI arbiter enabled), the internal PCI
arbiter to allow an agent to claim control of the PCI bus.
•
When configured as an input (PCI arbiter disabled), the pin will be
used to claim access of the PCI bus from an external arbiter.
Should be pulled high with a 10-K
Ω resistor when not being utilized in the
system.
PCI_INTA_N
Z
Z
O/D
PCI interrupt: Used to request an interrupt.
Should be pulled high with a 10-K
Ω resistor when not being utilized in the
system.
PCI_CLKIN
Z
VI
I
PCI Clock: provides timing for all transactions on PCI. All PCI signals —
except INTA#, INTB#, INTC#, and INTD# — are sampled on the rising edge of
CLK and timing parameters are defined with respect to this edge. The PCI
clock rate can operate at up to 66 MHz.
Should be pulled low with a 10-K
Ω resistor when not being utilized in the
system.
Table 7.
High-Speed, Serial Interface 0
Name
Power
On
Reset†
Reset† Type†
Description
HSS_TXFRAME0
Z
Z
I/O
The High-Speed Serial (HSS) transmit frame signal can be configured as
an input or an output to allow an external source become synchronized
with the transmitted data. Often known as a Frame Sync signal.
Configured as an input upon reset.
Should be pulled low with a 10-K
Ω resistor when not being utilized in the
system.
HSS_TXDATA0
Z
Z
O/D
Transmit data out. Open Drain output.
Must be pulled high with a 10-K
Ω resistor to VCCP.
HSS_TXCLK0
Z
Z
I/O
The High-Speed Serial (HSS) transmit clock signal can be configured as an
input or an output. The clock can be a frequency ranging from 512 KHz to
8.192 MHz. Used to clock out the transmitted data. Configured as an input
upon reset. Frame sync and data can be selected to be generated on the
rising or falling edge of the transmit clock.
Should be pulled low with a 10-K
Ω resistor when not being utilized in the
system.
HSS_RXFRAME0
Z
Z
I/O
The High-Speed Serial (HSS) receive frame signal can be configured as
an input or an output to allow an external source to become
synchronized with the received data. Often known as a Frame Sync
signal. Configured as an input upon reset.
Should be pulled low with a 10-K
Ω resistor when not being utilized in the
system.
HSS_RXDATA0
Z
VI
I
Receive data input. Can be sampled on the rising or falling edge of the
receive clock.
Should be pulled low through a 10-K
Ω resistor when not being utilized in
the system.
HSS_RXCLK0
Z
Z
I/O
The High-Speed Serial (HSS) receive clock signal can be configured as
an input or an output. The clock can be from 512 KHz to 8.192 MHz.
Used to sample the received data. Configured as an input upon reset.
Should be pulled low with a 10-K
Ω resistor when not being utilized in the
system.
Table 6.
PCI Controller (Sheet 2 of 2)
Name
Power
On
Reset†
Reset† Type†
Description
†
For a legend of the Type codes, see Table 4 on page 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com