Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCR6M00G53-R0 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # CSTCR6M00G53-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCR6M00G53-R0 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  CSTCR6M00G53-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
3
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
1
1
Characteristics and Types of CERALOCK®
2. Types of CERALOCK®
MHz Band lead CERALOCK® (CSTLS Series)
As CSTLS series does not require externally mounted
capacitors, the number of components can be reduced,
allowing circuits to be made more compact.
The table shows the frequency range and appearance of
the three-terminal CERALOCK® with built-in load
capacitance.
■
Part Numbering
■
Part Numbers and Dimensions of lead CERALOCK®
(CSTLS Series)
Part Number
Frequency
Dimensions (in mm)
CSTLS
G
3.40–10.00MHz
2.5 2.5
8.0
CSTLS
X
16.00–70.00MHz
2.5 2.5
5.5
❶ Product ID
❷ Frequency/Built-in Capacitance
❸ Structure/Size
LS: Round Lead Type
❹ Nominal Center Frequency
❺ Type
G: Thickness Shear vibration,
X: Thickness Longitudinal Vibration (3rd overtone)
❻ Frequency Tolerance
1: ±0.1%, 2: ±0.2%, 3: ±0.3%, 5: ±0.5%, D: DTMF,
Z: Others
❼ Built-in Load capacitance
1: 5pF, 3: 15pF, 4: 22pF, 5: 30pF, 6: 47pF
❽ Individual Specification
With standard products, "
❽ Individual Specification" is
omitted, and "
❾ Package Specification Code" is carried up.
❾ Packaging
–B0: Bulk,
–A0: Radial Taping H0=18mm Ammo Pack (Standard)
∗ 16.00−32.99MHz : 3.5
(Ex.)
CS
❶
T
❷
LS
❸
4M00
❹
G
❺
5
❻
3
❼
❽
-A0
❾
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com