Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCR6M00G53-R0 Datasheet(PDF) 28 Page - Murata Manufacturing Co., Ltd.

Part # CSTCR6M00G53-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCR6M00G53-R0 Datasheet(HTML) 28 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCR6M00G53-R0 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
26
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
6 Application Circuits to Various ICs/LSIs
6
Fig. 6-10 Application to M30221M4-xxxFP
(Renesas Electronics)
16
54
56
H
L
IC : M30221M4-xxxFP
VDD (+5V)
C1
C2
22
20
C1=10pF
C2=10pF
H : 20, 51, 52, 76, 120
L : 13, 18, 49, 50, 53, 55,
78, 117
RESET : 16
CSTCE10M0G52-R0
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com