Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCR6M00G53-R0 Datasheet(PDF) 20 Page - Murata Manufacturing Co., Ltd.

Part # CSTCR6M00G53-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCR6M00G53-R0 Datasheet(HTML) 20 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCR6M00G53-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
18
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
4 Application to Typical Oscillation Circuits
4
2. Application to Various Oscillation Circuits
Oscillation frequency fosc. in this circuit is expressed
approximately by the following equation.
Where, Fr=Resonance frequency of CERALOCK®
Where, C1 : Equivalent series capacitance of
Where, C1 : CERALOCK®
Where, C0 : Equivalent parallel capacitance of
Where, C1 : CERALOCK®
Where,
CL=
CL1 CL2
Where, = L= CL1+CL2
This clearly shows that the oscillation frequency is
influenced by the loading capacitance. Further caution
should be paid in defining its value when a tight
tolerance of oscillation frequency is required.
Application to C-MOS Inverter
For the C-MOS inverting amplifier, the one-stage 4069
C-MOS group is best suited.
The C-MOS 4049 type is not used, because the three-
stage buffer type has excessive gain, which causes RC
oscillation and ringing.
Murata employs the TOSHIBA TC4069UBP as a
C-MOS standard circuit. This circuit is shown in
Fig. 4-2. The oscillation frequency of the standard
CERALOCK® (C-MOS specifications) is adjusted by the
circuit in Fig. 4-2.
fosc.=Fr 1+
(4-1)
C1
C0+CL
Fig. 4-2 C-MOS Standard Circuit
VDD
14
12
Rf
34
7
Rd
CERALOCK®
CL1
CL2
Output
IC:TC4069UBP(TOSHIBA)
Item
Part Number
Frequency Rage
VDD
CL1
Circuit Constant
CSTLS□G53
3.40—10.00MHz
+5V
(15pF)
CL2
(15pF)
Rf
1MΩ
Rd
0
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com