Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCR6M00G53-R0 Datasheet(PDF) 12 Page - Murata Manufacturing Co., Ltd.

Part # CSTCR6M00G53-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCR6M00G53-R0 Datasheet(HTML) 12 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCR6M00G53-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. CSTCR6M00G53-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
10
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
It is common and simple to utilize an inverter for the
Colpitts circuit with CERALOCK®.
Fig. 2-8 shows the basic oscillation circuit with inverter.
In an open loop circuit by cutting at point Ⓐ , it is
possible to measure loop gain G and phase shift θ.
Fig. 2-9 shows the actual measuring circuit, and an
example of the measuring result is shown in Fig. 2-10.
2
2 Principles of CERALOCK®
A
CL1
CL2
Rf
CERALOCK®
Fig. 2-8 Basic Oscillation Circuit with Inverters
CERALOCK®
IC
Rf
Vin
S.S.G
Vector
Volt
Meter
C1
C2
Fig. 2-9 Measuring Circuit Network of Loop Gain and Phase Shift
Frequency (MHz)
Frequency (MHz)
Phase
(Oscillation)
Gain
-40
-30
-20
-10
0
10
20
30
40
3.80
-90
-180
0
90
180
Phase
(No Oscillation)
Gain
-40
0
40
3.80
4.00
3.90
4.10
4.00
4.20
4.20
3.90
4.10
-90
-180
0
90
180
Fig. 2-10 Measured Results of Loop Gain and Phase Shift
Loop Gain : G= α · β
Phase Shift : θ 1+ θ 2
CERALOCK®
CSTLS4M00G53–B0
VDD=+5V
CL1=CL2=15pF
IC : TC4069UBP  
  (TOSHIBA)
CERALOCK®
CSTLS4M00G53–B0
VDD=+2V
CL1=CL2=15pF
IC : TC4069UBP  
  (TOSHIBA)
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com