Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5171BRJZ5-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5171BRJZ5-R2
Description  64-Position OTP Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5171BRJZ5-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD5171BRJZ5-R2 Datasheet HTML 1Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 2Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 3Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 4Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 5Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 6Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 7Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 8Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5171
Rev. D | Page 4 of 24
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DYNAMIC CHARACTERISTICS8, 13, 14
–3 dB Bandwidth
BW_5k
RAB = 5 kΩ, code = 0x20
1500
kHz
BW_10k
RAB = 10 kΩ, code = 0x20
600
kHz
BW_50k
RAB = 50 kΩ, code = 0x20
110
kHz
BW_100k
RAB = 100 kΩ, code = 0x20
60
kHz
Total Harmonic Distortion
THD
VA = 1 V rms, RAB = 10 kΩ,
VB = 0 V dc, f = 1 kHz
0.05
%
Adjustment Settling Time
tS1
VA = 5 V ± 1 LSB error band,
VB = 0 V, measured at VW
5
μs
Power-Up Settling Time After Fuses Blown
tS2
VA = 5 V ±1 LSB error band,
VB = 0 V, measured at VW
5
μs
Resistor Noise Voltage
eN_WB
RAB = 5 kΩ, f = 1 kHz,
code = 0x20
8
nV/√Hz
RAB = 10 kΩ, f = 1 kHz,
code = 0x20
12
nV/√Hz
1 Typical specifications represent average readings at 25°C and VDD = 5 V.
2 Resistor position nonlinearity error, R-INL, is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic.
3 VAB = VDD, Wiper (VW) = no connect.
4 INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output DAC. VA = VDD and VB = 0 V. DNL specification limits
of ±1 LSB maximum are guaranteed monotonic operating conditions.
5 The A, B, and W resistor terminals have no limitations on polarity with respect to each other.
6 Guaranteed by design; not subject to production test.
7 The minimum voltage requirement on the VIH is 0.7 V × VDD. For example, VIH minimum = 3.5 V when VDD = 5 V. It is typical for the SCL and SDA resistors to be pulled up
to VDD. However, care must be taken to ensure that the minimum VIH is met when the SCL and SDA are driven directly from a low voltage logic controller without pull-
up resistors.
8 Guaranteed by design; not subject to production test.
9 Different from operating power supply; power supply for OTP is used one time only.
10 Different from operating current; supply current for OTP lasts approximately 400 ms for one-time need only.
11 See Figure 24 for the energy plot during the OTP program.
12 PDISS is calculated from (IDD × VDD). CMOS logic level inputs result in minimum power dissipation.
13 Bandwidth, noise, and settling time depend on the terminal resistance value chosen. The lowest R value results in the fastest settling time and highest
bandwidth. The highest R value results in the minimum overall power consumption.
14 All dynamic characteristics use VDD = 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com