Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5171BRJZ5-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5171BRJZ5-R2
Description  64-Position OTP Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5171BRJZ5-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5171BRJZ5-R2 Datasheet HTML 5Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 6Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 7Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 8Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 9Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 10Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 11Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 12Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD5171
Rev. D | Page 9 of 24
0.1
1
10
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VDD = 5V
VDD = 3V
Figure 11. IDD Supply Current vs. Temperature
–40
–20
20
100
140
180
60
0
80
120
160
40
32
24
816
0
40485664
CODE (DECIMAL)
Figure 12. Rheostat Mode Tempco (∆RAB/RAB)/∆T vs. Code
–5
0
5
10
15
20
25
32
24
816
0
40485664
CODE (DECIMAL)
Figure 13. Potentiometer Mode Tempco (∆VW /VW)/∆T vs. Code
100
1M
1k
10k
100k
10M
FREQUENCY (Hz)
0
6
–6
–12
–18
–24
–30
–36
–54
–42
–48
0x02
0x01
0x00
0x04
0x08
0x10
0x20
Figure 14. Gain vs. Frequency vs. Code, RAB = 5 kΩ
100
1M
1k
10k
100k
FREQUENCY (Hz)
0
6
–6
–12
–18
–24
–30
–36
–54
–42
–48
0x3F
0x20
0x10
0x08
0x04
0x02
0x01
0x00
Figure 15. Gain vs. Frequency vs. Code, RAB = 10 kΩ
100
1M
1k
10k
100k
FREQUENCY (Hz)
0
6
–6
–12
–18
–24
–30
–36
–54
–42
–48
0x3F
0x20
0x10
0x08
0x04
0x02
0x01
0x00
Figure 16. Gain vs. Frequency vs. Code, RAB = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com