Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5171BRJZ5-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5171BRJZ5-R2
Description  64-Position OTP Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5171BRJZ5-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5171BRJZ5-R2 Datasheet HTML 16Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 17Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 18Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 19Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 20Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 21Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 22Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 23Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD5171
Rev. D | Page 21 of 24
EVALUATION BOARD
8
7
6
5
4
3
2
1
J1
W
VDD
GND
SCL
A
B
AD0
SDA
OUT1
OUT1
+IN1
V+
V–
–IN2
+IN2
OUT2
JP8
JP7
JP4
JP6
C8
0.1µF
C9
10µF
VEE
U3A
CP4
CP2
JP5
JP3
C6
0.1µF
C7
10µF
1
2
3
4
8
5
6
7
–IN1
CP3
CP1
VIN
1
AD5170
AD5171/AD5273
AGND
VREF
ADR03
2
3
5
4
C1
10µF
C2
0.1µF
R1
10kΩ
R2
10kΩ
SCL
SDA
C3
0.1µF
U1
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
U2
C4
0.1µF
U4
TEMP
GND
VIN
TRIM
VOUT
C5
0.1µF
JP1
JP2
A
W
B
CP6
CP7
U3B
VDD
VDD
W
VDD
GND
SCL
A
B
AD0
SDA
VDD
VDD
VCC
CP5
Figure 47. Evaluation Board Schematic
The AD5171 evaluation board comes with a dual op amp
AD822 and a 2.5 V reference ADR03. Users can configure many
building block circuits with minimal components needed.
Figure 48 shows one of the examples. There is space available on
the board where users can build additional circuits for further
evaluations as shown in Figure 49.
A
B
W
VO
A
B
W
CP2
U2
JP1
JP2
JP4
JP3
JP7
4
U3A
1
OUT1
V+
V–
AD822
2
3
11
VREF
VREF
VDD
Figure 48. Programmable Voltage Reference
Figure 49. Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com