Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5171BRJZ5-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5171BRJZ5-R2
Description  64-Position OTP Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5171BRJZ5-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5171BRJZ5-R2 Datasheet HTML 6Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 7Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 8Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 9Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 10Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 11Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 12Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 13Page - Analog Devices AD5171BRJZ5-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5171
Rev. D | Page 10 of 24
FREQUENCY (Hz)
100
1k
0
–6
6
–12
–18
–24
–30
–36
–54
–42
–48
0x3F
0x20
0x10
0x08
0x04
0x02
0x01
0x00
1M
10k
100k
Figure 17. Gain vs. Frequency vs. Code, RAB = 100 kΩ
FREQUENCY (Hz)
80
40
100
1M
1k
10k
100k
60
20
0
TA = 25°C
CODE = 0x20
VA = 2.5V, VB = 0V
VDD = 5V DC ± 1.0V p-p AC
VDD = 3V DC ± 0.6V p-p AC
Figure 18. Power Supply Rejection Ratio vs. Frequency
VDD = 5.5V
VA = 5.5V
VB = GND
fCLK = 100kHz
10mV
500ns
VW = 10mV/DIV
SCL = 5V/DIV
5V
Figure 19. Digital Feedthrough vs. Time
VDD = 5.5V
VA = 5.5V
VB = GND
fCLK = 400kHz
DATA 0x00 → 0x3F
5µs
5V
5V
VW = 5V/DIV
SCL = 5V/DIV
Figure 20. Settling Time
VDD = 5.5V
VA = 5.5V
VB = GND
fCLK = 100kHz
DATA 0x20 → 0x1F
50mV
200ns
5V
VW = 50mV/DIV
SCL = 5V/DIV
Figure 21. Midscale Glitch Energy
5µs
5V
1V
OTP PROGRAMMED AT MS
VDD = 5.5V
VA = 5.5V
RAB = 10kΩ
VW = 1V/DIV
VDD = 5V/DIV
Figure 22. Power-Up Settling Time After Fuses Blown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com