Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8027ART-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8027ART-R2
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8027ART-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8027ART-R2 Datasheet HTML 8Page - Analog Devices AD8027ART-R2 Datasheet HTML 9Page - Analog Devices AD8027ART-R2 Datasheet HTML 10Page - Analog Devices AD8027ART-R2 Datasheet HTML 11Page - Analog Devices AD8027ART-R2 Datasheet HTML 12Page - Analog Devices AD8027ART-R2 Datasheet HTML 13Page - Analog Devices AD8027ART-R2 Datasheet HTML 14Page - Analog Devices AD8027ART-R2 Datasheet HTML 15Page - Analog Devices AD8027ART-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
AD8027/AD8028
Rev. C | Page 11 of 24
OUTPUT VOLTAGE (V p-p)
0
12
345
67
89
1
–140
–120
–100
–80
–60
–40
–20
0
G = +1 (RF = 24.9Ω)
FREQUENCY = 100kHz
RL = 1kΩ
VS = ±5V
VS = +3V
VS = +5V
SECOND HARMONIC: SOLID LINE
THIRD HARMONIC: DASHED LINE
03327-A-021
Figure 22. Harmonic Distortion vs. Output Amplitude
INPUT COMMON-MODE VOLTAGE (V)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
G = +1 (RF = 24.9Ω)
VOUT = 1.0V p-p @ 100kHz
RL = 1kΩ
SECOND HARMONIC: SOLID LINE
THIRD HARMONIC: DASHED LINE
VS = +3V
VS = +5V
03327-A-022
Figure 23. Harmonic Distortion vs. Input Common-Mode Voltage,
SELECT = High
FREQUENCY (MHz)
0.1
1
10
20
–140
–120
–100
–80
–60
–40
–20
G = +1 (RF = 24.9Ω)
VOUT = 2.0V p-p
SECOND HARMONIC: SOLID LINE
THIRD HARMONIC: DASHED LINE
RL = 150Ω
RL = 1kΩ
03327-A-023
Figure 24. Harmonic Distortion vs. Frequency and Load
INPUT COMMON-MODE VOLTAGE (V)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
–125
–115
–105
–95
–85
–75
–65
–55
–45
G = +1 (RF = 24.9Ω)
VOUT = 1.0V p-p @ 2MHz
SELECT = HIGH
SELECT = TRI
SELECT = TRI
SELECT = HIGH
SECOND HARMONIC: SOLID LINE
THIRD HARMONIC: DASHED LINE
03327-A-024
Figure 25. Harmonic Distortion vs. Input Common-Mode Voltage, VS = 5 V
INPUT COMMON-MODE VOLTAGE (V)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
G = +1 (RF = 24.9Ω)
VOUT = 1.0V p-p @ 100kHz
SECOND HARMONIC: SOLID LINE
THIRD HARMONIC: DASHED LINE
VS = +3V
VS = +5V
03327-A-025
Figure 26. Harmonic Distortion vs. Input Common-Mode Voltage,
SELECT = Three-State or Open
FREQUENCY (MHz)
0.1
1
10
20
–140
–120
–100
–80
–60
–40
–20
VS = +5
VOUT = 2.0V p-p
SECOND HARMONIC: SOLID LINE
THIRD HARMONIC: DASHED LINE
G = +2
G = +1
G = +10
03327-A-026
Figure 27. Harmonic Distortion vs. Frequency and Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com