Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8027ART-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8027ART-R2
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8027ART-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8027ART-R2 Datasheet HTML 16Page - Analog Devices AD8027ART-R2 Datasheet HTML 17Page - Analog Devices AD8027ART-R2 Datasheet HTML 18Page - Analog Devices AD8027ART-R2 Datasheet HTML 19Page - Analog Devices AD8027ART-R2 Datasheet HTML 20Page - Analog Devices AD8027ART-R2 Datasheet HTML 21Page - Analog Devices AD8027ART-R2 Datasheet HTML 22Page - Analog Devices AD8027ART-R2 Datasheet HTML 23Page - Analog Devices AD8027ART-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
AD8027/AD8028
Rev. C | Page 19 of 24
WIDEBAND OPERATION
Voltage feedback amplifiers can use a wide range of resistor
values to set their gain. Proper design of the application’s
feedback network requires consideration of the following issues:
•
Poles formed by the amplifier’s input capacitances with the
resistances seen at the amplifier’s input terminals
•
Effects of mismatched source impedances
•
Resistor value impact on the application’s voltage noise
•
Amplifier loading effects
The AD8027/AD8028 have an input capacitance of 2 pF. This
input capacitance forms a pole with the amplifier’s feedback
network, destabilizing the loop. For this reason, it is generally
desirable to keep the source resistances below 500 Ω, unless
some capacitance is included in the feedback network. Likewise,
keeping the source resistances low also takes advantage of the
AD8027/AD8028’s low input referred voltage noise of
4.3 nV/√Hz.
With a wide bandwidth of over 190 MHz, the AD8027/AD8028
have numerous applications and configurations. The AD8027/
AD8028 part shown in Figure 57 is configured as a noninvert-
ing amplifier. An easy selection table of gain, resistor values,
bandwidth, slew rate, and noise performance is presented in
Table 5, and the inverting configuration is shown in Figure 58.
+V
–V
C2
10
μF
C1
0.1
μF
C4
0.1
μF
C3
10
μF
VOUT
RG
R1
RF
SELECT
VIN
R1 = RF||RG
AD8027/
AD8028
+
–
03327-A-056
Figure 57. Wideband Noninverting Gain Configuration
Table 5. Component Values, Bandwidth, and Noise
Performance (VS = ±2.5 V)
Noise Gain
(Noninverting)
RSOURCE
(Ω)
RF
(Ω)
RG
(Ω)
–3 dB
SS BW
(MHz)
Output
Noise with
Resistors
(nV/√Hz)
1
50
0
N/A
190
4.4
2
50
499
499
95
10
10
50
499
54.9
13
45
+V
–V
C2
10
μF
C1
0.1
μF
C4
0.1
μF
C3
10
μF
R1
C5
VOUT
RG
R1 = RF||RG
RF
VIN
SELECT
AD8027/
AD8028
+
–
03327-A-057
CF
Figure 58. Wideband Inverting Gain Configuration
CIRCUIT CONSIDERATIONS
Balanced Input Impedances
Balanced input impedances can help to improve distortion
performance. When the amplifier transitions from PNP pair to
NPN pair operation, a change in both the magnitude and
direction of the input bias current occurs. When multiplied
times imbalanced input impedances, a change in offset can
result. The key to minimizing this distortion is to keep the input
impedances balanced on both inputs. Figure 59 shows the effect
of the imbalance and degradation in distortion performance for
a 50 Ω source impedance, with and without a 50 Ω balanced
feedback path.
FREQUENCY (MHz)
0.1
1
10
20
–100
–90
–80
–70
–60
–50
–40
–30
–20
G = +1
VOUT = 2V p-p
RL = 1kΩ
VS = +3V
RF = 24.9Ω
RF = 49.9Ω
RF = 0Ω
03327-A-058
Figure 59. SFDR vs. Frequency and Various RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com